Electronic Components Datasheet Search
  English  ▼

X  

MAX6505UT Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6505UT
Description  Dual Trip SOT Temperature Switches No External Components Required
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6505UT Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6505UT Datasheet HTML 1Page - Maxim Integrated Products MAX6505UT Datasheet HTML 2Page - Maxim Integrated Products MAX6505UT Datasheet HTML 3Page - Maxim Integrated Products MAX6505UT Datasheet HTML 4Page - Maxim Integrated Products MAX6505UT Datasheet HTML 5Page - Maxim Integrated Products MAX6505UT Datasheet HTML 6Page - Maxim Integrated Products MAX6505UT Datasheet HTML 7Page - Maxim Integrated Products MAX6505UT Datasheet HTML 8Page - Maxim Integrated Products MAX6505UT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Dual Trip SOT Temperature Switches
4
_______________________________________________________________________________________
Pin Description
PIN
MAX6505
MAX6506
MAX6507
MAX6508
NAME
FUNCTION
1-—
-—
WARN
Open-Drain Active-Low Warning Output. WARN goes low
when the die temperature exceeds TWARN = TALARM -
ΔTAW.
-—
1
-—
-—
WARN
Push-Pull Active-High Warning Output. WARN goes high
when the die temperature exceeds TWARN = TALARM -
ΔTAW.
2
2
2
2
GND
Ground
3, 5
3, 5
-—
-—
S1, S0
Delta Temperature Select Input. Connect to VCC or GND to
select the difference between TALARM and TWARN (Table
1 or see Electrical Characteristics).
-—
-—
3
3
S0
Hysteresis Select Input. Connect to VCC for 10
°C
hysteresis. Connect to GND for 2
°C hysteresis.
44
4
4
VCC
Supply Voltage Input. Bypass VCC to GND with a 0.1
μF
ceramic capacitor.
-—
-—
5
5
N.C.
No Connection. Not internally connected.
-—
-—
6
-—
OVER
Open-Drain Active-Low Overtemperature Output.
OVER
goes low when the die temperature exceeds the factory-
set value of TOVER.
-—
-—
_
6
OVER
Push-Pull Active-High Overtemperature Output. OVER
goes high when the die temperature exceeds the factory-
set value of TOVER.
-—
-—
1
-—
OK
Open-Drain Active-High Temperature Sensor Output. OK
goes high impedance when the die temperature is
between the factory-set values of TOVER and TUNDER.
When the die temperature is above TOVER or below
TUNDER, OK goes low.
-—
-—
-—
1
OK
Push-Pull Active-Low Temperature Sensor Output. OK
goes low when the die temperature is between the factory-
set values of TOVER and TUNDER. When the die temp-
erature is above TOVER or below TUNDER, OK goes high.
6-—
-—
-—
ALARM
Open-Drain Active-Low Alarm Output. ALARM goes low
when the die temperature exceeds the factory-set value of
TALARM.
-—
6
-—
-—
ALARM
Push-Pull Active-High Alarm Output. ALARM goes high
when the die temperature exceeds the factory-set value of
TALARM.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com