Electronic Components Datasheet Search
  English  ▼

X  

MAX6505UT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6505UT
Description  Dual Trip SOT Temperature Switches No External Components Required
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6505UT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6505UT Datasheet HTML 1Page - Maxim Integrated Products MAX6505UT Datasheet HTML 2Page - Maxim Integrated Products MAX6505UT Datasheet HTML 3Page - Maxim Integrated Products MAX6505UT Datasheet HTML 4Page - Maxim Integrated Products MAX6505UT Datasheet HTML 5Page - Maxim Integrated Products MAX6505UT Datasheet HTML 6Page - Maxim Integrated Products MAX6505UT Datasheet HTML 7Page - Maxim Integrated Products MAX6505UT Datasheet HTML 8Page - Maxim Integrated Products MAX6505UT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Dual Trip SOT Temperature Switches
_______________________________________________________________________________________
3
20
30
25
40
35
45
50
-40
-10 5
20
-25
35 50 65 80 95 110 125
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = +5V
RPULLUP = 100k
Ω
0.5
1.0
1.5
2.0
2.5
-40
-10 5
-25
20 35 50 65 80 95 110 125
HYSTERESIS vs. TRIP TEMPERATURE
TEMPERATURE (
°C)
VCC = +5V
RPULLUP = 100k
Ω
-0.8
-0.6
-0.7
-0.3
-0.4
-0.5
0
-0.1
-0.2
0.1
2.5
3.5
3.0
4.0
4.5
5.0
5.5
TRIP-POINT ERROR (%)
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NORMALIZED TO TRIP-POINT
TEMPERATURE AT VCC = +5V
MAX6505
STARTUP AND POWER-DOWN
(T < TTH)
A
B
A: VCC PULSE
B: ALARM VOLTAGE, RPULLUP = 100k
Ω
100µs/div
2V/div
MAX6505
STARTUP DELAY
(T > TTH)
A
B
A: VCC PULSE
B: ALARM VOLTAGE, RPULLUP = 100k
Ω
100µs/div
2V/div
Typical Operating Characteristics
(VCC = +5V, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.5V to +5.5V, RPULLUP = 100k
Ω (MAX6505/MAX6507 only), TA = -40°C to +125°C, unless otherwise noted. Typical values
are at TA = +25°C and VCC = +5V, unless otherwise noted.) (Note 1)
Note 1: 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by design.
Note 2: TALARM, TUNDER, and TOVER are factory-programmed temperature trip thresholds from -40°C to +125°C in 5°C increments.
Note 3: Temperature threshold hysteresis is defined as the difference from positive-going temperature thresholds minus the nega-
tive-going temperature thresholds.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 5.5V, VALARM = 5.5V,
VWARN = 5.5V (MAX6505)
1
Open-Drain Output Leakage
Current
VCC = 5.5V, VOK = 5.5V,
VOVER = 5.5V (MAX6507)
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com