Electronic Components Datasheet Search
  English  ▼

X  

MAX6505UT Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6505UT
Description  Dual Trip SOT Temperature Switches No External Components Required
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6505UT Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6505UT Datasheet HTML 1Page - Maxim Integrated Products MAX6505UT Datasheet HTML 2Page - Maxim Integrated Products MAX6505UT Datasheet HTML 3Page - Maxim Integrated Products MAX6505UT Datasheet HTML 4Page - Maxim Integrated Products MAX6505UT Datasheet HTML 5Page - Maxim Integrated Products MAX6505UT Datasheet HTML 6Page - Maxim Integrated Products MAX6505UT Datasheet HTML 7Page - Maxim Integrated Products MAX6505UT Datasheet HTML 8Page - Maxim Integrated Products MAX6505UT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Dual Trip SOT Temperature Switches
_______________________________________________________________________________________
5
_______________Detailed Description
The MAX6505–MAX6508 fully integrated temperature
switches incorporate two temperature-dependent refer-
ences and a comparator. One reference exhibits a pos-
itive temperature coefficient and the other a negative
temperature coefficient. The temperature at which the
two reference voltages are equal determines the tem-
perature trip point. There are two versions, each of
which has two logic outputs.
The MAX6505/MAX6506 have a main trip point (TALARM)
and a lower, “warning” trip point (TWARN). When the die
temperature rises above these trip points, the ALARM
and WARN outputs are asserted (Figure 1). The differ-
ence between the two trip points (
ΔTAW) is pin selec-
table to +5°C, +10°C, +20°C, or +30°C by connecting
the two control pins (S0 and S1) high or low (Table 1).
MAX6505 has open-drain active-low outputs; MAX6506
has push-pull active-high outputs.
The MAX6507/MAX6508 have two factory-programmed
threshold temperatures (TOVER and TUNDER) and two
outputs (OK and OVER). One output (OK) asserts
when the temperature is between TOVER and TUNDER.
The other output (OVER) asserts when the temperature
is above TOVER. Table 4 shows the hex codes to deter-
mine the part numbers associated with specific values
of TOVER and TUNDER. The first hex code indicates the
lower trip point (TUNDER) and the second indicates the
higher trip point (TOVER). For example, a part with TUN-
DER = -10°C and TOVER = +75°C will have the part
number MAX6508UTA04B (Table 4 and Figure 2).
MAX6507 has open-drain outputs; MAX6508 has push-
pull outputs.
Hysteresis Selection
The temperature threshold hysteresis for the ALARM
output of the MAX6505/MAX6506 is 2°C. The hysteresis
for the WARN output depends on the value of
ΔTAW. If
ΔTAW is 5°C or 10°C (set by S0 and S1), WARN hys-
teresis is 5°C. If
ΔTAW is 20°C or 30°C, WARN hystere-
sis is 10°C. MAX6507 and MAX6508 have pin-selectable
hysteresis of 2°C or 10°C for both OVER and OK out-
puts (Table 2).
Applications Information
Thermal Considerations
The MAX6505–MAX6508 supply current is typically
30µA. When used to drive high-impedance loads, the
devices dissipate negligible power. Therefore, the die
temperature is essentially the same as the package
temperature. The key to accurate temperature monitor-
ing is good thermal contact between the MAX6505–
MAX6508 package and the device being monitored. In
some applications, the SOT23 packages may be small
enough to fit underneath a socketed microprocessor
(µP), allowing the device to monitor the µP’s tempera-
ture directly. Use the monitor’s output to reset the µP,
assert an interrupt, or trigger an external alarm.
Accurate temperature monitoring depends on the ther-
mal resistance between the device being monitored
and the MAX6505–MAX6508 die.
The rise in die temperature due to self-heating is given
by the following formula:
ΔTJ = PDISSIPATION ✕ θJA
where PDISSIPATION is the power dissipated by the
MAX6505–MAX6508, and
θJA is the package’s thermal
resistance. The typical thermal resistance is 115°C/W for
the SOT23 package. To limit the effects of self-heating,
minimize the output currents. For example, if the
MAX6505 sinks 5mA, the output voltage is guaranteed to
be less than 0.5V. Therefore, an additional 2.5mW of
Figure 1. Temperature Response—MAX6505UTP065 Outputs,
ΔTAW = 10°C, and WARN Hysteresis ≈ 5°C
HYSTERESIS
≈ 2°C
HYSTERESIS
≈ 5°C
65°C
55°C
WARN
ALARM
Table 1. MAX6505/MAX6506 ΔTAW
Selection Table
CONTROL PINS
DESCRIPTION
S1
S0
TAW =TALARM – TWARN
(
°C)
GND
GND
5
GND
VCC
10
VCC
GND
20
VCC
VCC
30



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com