Electronic Components Datasheet Search
  English  ▼

X  

MAX16909 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16909
Description  36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16909 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16909 Datasheet HTML 4Page - Maxim Integrated Products MAX16909 Datasheet HTML 5Page - Maxim Integrated Products MAX16909 Datasheet HTML 6Page - Maxim Integrated Products MAX16909 Datasheet HTML 7Page - Maxim Integrated Products MAX16909 Datasheet HTML 8Page - Maxim Integrated Products MAX16909 Datasheet HTML 9Page - Maxim Integrated Products MAX16909 Datasheet HTML 10Page - Maxim Integrated Products MAX16909 Datasheet HTML 11Page - Maxim Integrated Products MAX16909 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
����������������������������������������������������������������� Maxim Integrated Products 8
MAX16909
36V, 220kHz to 1MHz Step-Down Converter
with Low Operating Current
Typical Operating Characteristics (continued)
(VSUP = VSUPSW = VEN = 14V, VOUT = 1.8V, R1 = 80.6kΩ, R2 = 100kΩ, TA = +25NC (Figure 4), unless otherwise noted.)
18
16
12 14
4
6
8 10
2
0
20
VBIAS LOAD REGULATION
(1.8V/400kHz)
IBIAS (mA)
5.20
5.18
5.16
5.14
5.12
5.10
5.08
5.06
5.04
5.02
5.00
4.98
4.96
4.94
4.92
4.90
TA = 125°C
TA = -40°C
TA = 25°C
MAX16909 toc22
VOUT
VIN
VPGOOD
VLX
10V/div
2V/div
10V/div
5V/div
0V
0V
0V
0V
10ms/div
LINE TRANSIENT TEST
(1.8V/400kHz)
1.8V/400kHz
0.6I LOAD
MAX16909 toc21
VOUT
VIN
VPGOOD
VLX
10V/div
2V/div
10V/div
5V/div
0V
0V
0V
0V
10ms/div
DIPS AND DROP TEST
(1.8V/400kHz)
0.6I RESISTIVE LOAD
ISHDN vs. TEMPERATURE
4
4
5
5
5
5
6
6
6
4
5
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
-40
125
VEN = 0V
ISHDN vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
38
31
24
17
10
2
4
6
8
10
12
14
16
18
20
0
3
45
TA = -40°C
TA = 25°C
TA = 125°C
VEN = 0V
VIN = 14V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com