Electronic Components Datasheet Search
  English  ▼

X  

MAX16909 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16909
Description  36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16909 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16909 Datasheet HTML 1Page - Maxim Integrated Products MAX16909 Datasheet HTML 2Page - Maxim Integrated Products MAX16909 Datasheet HTML 3Page - Maxim Integrated Products MAX16909 Datasheet HTML 4Page - Maxim Integrated Products MAX16909 Datasheet HTML 5Page - Maxim Integrated Products MAX16909 Datasheet HTML 6Page - Maxim Integrated Products MAX16909 Datasheet HTML 7Page - Maxim Integrated Products MAX16909 Datasheet HTML 8Page - Maxim Integrated Products MAX16909 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
����������������������������������������������������������������� Maxim Integrated Products 3
MAX16909
36V, 220kHz to 1MHz Step-Down Converter
with Low Operating Current
ELECTRICAL CHARACTERISTICS* (continued)
(VSUP = VSUPSW = 14V, VEN = 14V, RFOSC = 120kI, TA = TJ = -40NC to +125NC, unless otherwise noted. Typical values are at
TA = +25NC.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Skip-Mode Output Voltage
VOUT_SKIP
No load, VFB = VBIAS
4.925
5
5.15
V
Adjustable Output Voltage
Range
VOUT_ADJ
FB connected to external resistive divider
1
10
V
Load Regulation
VFB = VBIAS, 30mA < ILOAD < 3A
0.5
%
Line Regulation
VFB = VBIAS, 6V < VSUPSW < 36V
0.02
%/V
BST Input Current
IBST_ON
High-side on, VBST - VLX = 5V
1.5
2.5
mA
LX Current Limit
ILX
(Note 2)
3.4
4.1
6
A
Skip-Mode Threshold
ISKIP_TH
300
mA
Power-Switch On-Resistance
RON
RON measured between SUPSW and LX,
ILX = 1A, VBIAS = 5V
70
150
mI
High-Side Switch Leakage
Current
VSUP = 36V, VLX = 0V, TA = +25°C
1
F
A
TRANSCONDUCTANCE AMPLIFIER (COMP)
FB Input Current
IFB
10
nA
FB Regulation Voltage
VFB
FB connected to an external resistive
divider; 0°C < TA < +125°C
0.99
1.0
1.01
V
-40°C < TA < +125°C
0.985
1.0
1.015
FB Line Regulation
D
VLINE
6V < VSUP < 36V
0.02
%/V
Transconductance (from FB to
COMP)
gm
VFB = 1V, VBIAS = 5V (Note 2)
900
F
S
Minimum On-Time
tON_MIN
80
ns
Maximum Duty Cycle
DCMAX
fSW = 1MHz
98
%
fSW = 220kHz
99
OSCILLATOR FREQUENCY
Oscillator Frequency
RFOSC = 120kI
190
220
250
kHz
EXTERNAL CLOCK INPUT (FSYNC)
FSYNC Input Current
TA = +25°C
1
F
A
External Input Clock Acquisition
Time
tFSYNC
1
Cycles
External Input Clock Frequency
(Note 2)
fOSC +
10%
Hz
External Input Clock
High Threshold
VFSYNC_HI
VFSYNC rising
1.4
V
External Input Clock
Low Threshold
VFSYNC_LO
VFSYNC falling
0.4
V
Soft-Start Time
tSS
8.5
ms
*The parametric values (min, typ, max limits) shown in the Electrical Characteristics table supersede values quoted elsewhere in this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com