Electronic Components Datasheet Search
  English  ▼

X  

MAX16909 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX16909
Description  36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16909 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX16909 Datasheet HTML 10Page - Maxim Integrated Products MAX16909 Datasheet HTML 11Page - Maxim Integrated Products MAX16909 Datasheet HTML 12Page - Maxim Integrated Products MAX16909 Datasheet HTML 13Page - Maxim Integrated Products MAX16909 Datasheet HTML 14Page - Maxim Integrated Products MAX16909 Datasheet HTML 15Page - Maxim Integrated Products MAX16909 Datasheet HTML 16Page - Maxim Integrated Products MAX16909 Datasheet HTML 17Page - Maxim Integrated Products MAX16909 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
���������������������������������������������������������������� Maxim Integrated Products 16
MAX16909
36V, 220kHz to 1MHz Step-Down Converter
with Low Operating Current
PCB Layout Guidelines
Careful PCB layout is critical to achieve low switching
losses and clean, stable operation. Use a multilayer
board whenever possible for better noise immunity and
power dissipation. Follow these guidelines for good PCB
layout:
1) Use a large contiguous copper plane under the IC
package. Ensure that all heat-dissipating components
have adequate cooling. The bottom pad of the device
must be soldered down to this copper plane for effec-
tive heat dissipation and for getting the full power out
of the IC. Use multiple vias or a single large via in this
plane for heat dissipation.
2) Isolate the power components and high-current path
from the sensitive analog circuitry. This is essential to
prevent any noise coupling into the analog signals.
3) Keep the high-current paths short, especially at the
ground terminals. This practice is essential for stable,
jitter-free operation. The high-current path composed
of input capacitor, high-side FET, inductor, and output
capacitor should be as short as possible.
4) Keep the power traces and load connections short.
This practice is essential for high efficiency. Use
thick copper PCBs (2oz vs. 1oz) to enhance full-load
efficiency.
5) The analog signal lines should be routed away from
the high-frequency planes. This ensures integrity of
sensitive signals feeding back into the IC.
6) The ground connection for the analog and power
section should be close to the IC. This keeps the
ground current loops to a minimum. In cases where
only one ground is used, enough isolation between
analog return signals and high-power signals must
be maintained.
Figure 4. 1.8V/3A Configuration
D1
COUT
100µF
C2
4.7µF
C5
0.1µF
RCOMP
9.1kI
RPGOOD
10kI
RFOSC
62kI
L1
15µH
VOUT
1.8V AT 3A
CBST
0.1µF
LX
BST
VOUT
OUT
VBAT
FB
VBIAS
PGOOD
FOSC
CBIAS
1µF
CCOMP2
12pF
BIAS
CCOMP1
821pF
COMP
FSYNC
EN
SUPSW
SUP
GND
C1
47µF
C4
0.1µF
C3
4.7µF
POWER GOOD
MAX16909
R1
80.6kI
R2
100kI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com