Electronic Components Datasheet Search
  English  ▼

X  

MAX16909 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX16909
Description  36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16909 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX16909 Datasheet HTML 8Page - Maxim Integrated Products MAX16909 Datasheet HTML 9Page - Maxim Integrated Products MAX16909 Datasheet HTML 10Page - Maxim Integrated Products MAX16909 Datasheet HTML 11Page - Maxim Integrated Products MAX16909 Datasheet HTML 12Page - Maxim Integrated Products MAX16909 Datasheet HTML 13Page - Maxim Integrated Products MAX16909 Datasheet HTML 14Page - Maxim Integrated Products MAX16909 Datasheet HTML 15Page - Maxim Integrated Products MAX16909 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
���������������������������������������������������������������� Maxim Integrated Products 12
MAX16909
36V, 220kHz to 1MHz Step-Down Converter
with Low Operating Current
Skip Mode/Standby Mode
During light-load operation, IINDUCTOR P 185mA, the
device enters skip mode operation. Skip mode turns off
the majority of circuitry and allows the output to drop
below regulation voltage before the switch is turned on
again. The lower the load current, the longer it takes for
the regulator to initiate a new cycle. Because the con-
verter skips unnecessary cycles and turns off the majority
of circuitry, the converter efficiency increases. When the
high-side FET stops switching for more than 50Fs, most
of the internal circuitry, including LDO, draws power from
VOUT (VOUT = 3V to 5.5V), allowing current consumption
from the battery to drop to only 30FA.
Overtemperature Protection
Thermal-overload protection limits the total power dis-
sipation in the device. When the junction temperature
exceeds +175NC (typ), an internal thermal sensor
shuts down the internal bias regulator and the step-
down converter, allowing the IC to cool. The thermal
sensor turns on the IC again after the junction tempera-
ture cools by 15NC.
Applications Information
Setting the Output Voltage
Connect FB to BIAS for a fixed 5V output voltage. To set
the output to other voltages between 1V and 10V, con-
nect a resistive divider from output (OUT) to FB to GND
(Figure 1). Calculate RFB1 (OUT to FB resistor) with the
following equation:
OUT
FB1
FB2
FB
V
R
R
1
V
=
−
where VFB = 1V (see the Electrical Characteristics table).
Internal Oscillator
The switching frequency, fSW, is set by a resistor (RFOSC)
connected from FOSC to GND. See Figure 2 to select the
correct RFOSC value for the desired switching frequency.
For example, a 400kHz switching frequency is set with
RFOSC = 65kI. Higher frequencies allow designs with
lower inductor values and less output capacitance.
Consequently, peak currents and I2R losses are lower
at higher switching frequencies, but core losses, gate
charge currents, and switching losses increase.
Inductor Selection
Three key inductor parameters must be specified for
operation with the device: inductance value (L), inductor
saturation current (ISAT), and DC resistance (RDCR). To
select inductance value, the ratio of inductor peak-to-
peak AC current to DC average current (LIR) must be
selected first. A good compromise between size and loss
is a 30% peak-to-peak ripple current to average-current
ratio (LIR = 0.3). The switching frequency, input voltage,
output voltage, and selected LIR then determine the
inductor value as follows:
OUT SUP
OUT
SUP SW OUT
V
(V
V
)
L
V
f
I
LIR
−
=
where VSUP, VOUT, and IOUT are typical values (so that
efficiency is optimum for typical conditions). The switch-
ing frequency is set by RFOSC (see the Internal Oscillator
section). The exact inductor value is not critical and can
be adjusted to make trade-offs among size, cost, efficien-
cy, and transient response requirements. Table 1 shows
a comparison between small and large inductor sizes.
Figure 1. Adjustable Output-Voltage Setting
Figure 2. Switching Frequency vs. RFOSC
RFB2
RFB1
FB
MAX16909
VOUT
SWITCHING FREQUENCY vs. RFOSC
RFOSC (kI)
100
90
70 80
40 50 60
30
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
20
110
VIN = 14V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com