Electronic Components Datasheet Search
  English  ▼

X  

STK6103 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # STK6103
Description  DC 3-phase Brushless Motor Driver (Output Current 3A)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK6103 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button STK6103 Datasheet HTML 3Page - Sanyo Semicon Device STK6103 Datasheet HTML 4Page - Sanyo Semicon Device STK6103 Datasheet HTML 5Page - Sanyo Semicon Device STK6103 Datasheet HTML 6Page - Sanyo Semicon Device STK6103 Datasheet HTML 7Page - Sanyo Semicon Device STK6103 Datasheet HTML 8Page - Sanyo Semicon Device STK6103 Datasheet HTML 9Page - Sanyo Semicon Device STK6103 Datasheet HTML 10Page - Sanyo Semicon Device STK6103 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
STK6103
No. 4290- 9/11
Fig.6 Starting Current
Fig.7 Conversion Circuit for Hall IC and Hall Device Signal
Fig.8
Thermal Radiation Design
(1)
Internal average power dissipation Pd
The driver transistors represent the majority of the power dissipation in operation. Other losses are V
CC2 and
the charge pump circuit. In PWM drive in particular, the diode in the V
CC1 transistor is being used as a
flywheel diode, increasing V
CC1 transistor loss. When these are included, internal mean power dissipation is:
Pd = Io (Vst
1 + VFd2 + Vst2d1) + PdA + PdB + PdC ······················· Œ
Io
: Motor current
Vst
1 : VCC1 transistor saturation voltage
Vst
2 : GND transistor saturation voltage
d
1
: GND transistor PWM operation on duty
d
2
: GND transistor PWM operation off duty
Pd
A
: V
CC2 loss
Pd
B
: Charge pump circuit loss
Pd
C
: GND transistor switching loss
V
F
: V
CC1 transistor internal diode normal direction voltage
Because the driver transistor is a MOSFET, Vst
1 and Vst2 will increase with an increase in IO or substrate
temperature Tc.
Pd
A and PdB are generally given as:
Pd
A ≈ VCC2 x ICCO1 ········································································ 
Pd
B ≈ VCC1 x (0.49VCC1 – 4.2) x 0.001········································ Ž
where, V
CC1 = 16 to 42V
Refer to Figs. 11 to 14 for data on Vst
1, Vst2, d1 and VF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com