Electronic Components Datasheet Search
  English  ▼

X  

STK6103 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK6103
Description  DC 3-phase Brushless Motor Driver (Output Current 3A)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK6103 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK6103 Datasheet HTML 1Page - Sanyo Semicon Device STK6103 Datasheet HTML 2Page - Sanyo Semicon Device STK6103 Datasheet HTML 3Page - Sanyo Semicon Device STK6103 Datasheet HTML 4Page - Sanyo Semicon Device STK6103 Datasheet HTML 5Page - Sanyo Semicon Device STK6103 Datasheet HTML 6Page - Sanyo Semicon Device STK6103 Datasheet HTML 7Page - Sanyo Semicon Device STK6103 Datasheet HTML 8Page - Sanyo Semicon Device STK6103 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Thick-film Hybrid IC
Ordering number : EN4290A
73096HA (OT)/O012YO No. 4290-1/11
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
DC 3-phase Brushless Motor Driver
(Output Current 3A)
STK6103
Specifications
Maximum Ratings at Ta = 25°C
Allowable Operating Ranges at Ta = 25°C
Overview
The STK6103 is a hybrid IC incorporating a 3-phase
brushless motor controller and driver into a single
package, on the Sanyo IMST (Insulated Metal Substrate
Technology) substrate. Revolution speed is controlled
through the DC voltage level (Vref
1) external input and
PWM control of motor phase winding current. The
driver is MOSFET to minimize circuit loss and handle
high-output current (rush current) demands.
Applications
• PPC and LBP drum motors
• Air conditioner fan motors
Features
• The output driver transistor is MOSFET for low power
loss (half that of a bipolar transistor) and reliable
handling of high-output current (rush current).
• Variation in Vref
1 level causes the driver transistor to
switch to PWM drive for high-efficiency motor speed
variation.
• Normal and reverse revolution select function.
• Start/stop and brake functions.
• Current limiter function.
Package Dimensions
unit: mm
4130
[STK6103]
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage 1
V
CC1 max
No input signal
50
V
Maximum supply voltage 2
V
CC2 max
No input signal
7
V
Maximum output current
I
O max
Position detect input signal cycle = 30 ms,
5A
PWM duty = 50%, operation time 1s
Operating substrate temperature
T
C max
105
°C
Junction temperature
T
j max
150
°C
Storage temperature
Tstg
–40 to +125
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage 1
V
CC1
With input signal
16 to 42
V
Output current
Io ave
DC phases present
3
A
Supply voltage 2
V
CC2
With input signal
4.75 to 6.0
V
Brake current
I
OB
80 Hz full sine waves (all phases).
8A
Operating time 0.1 s duty = 5% (see Note 1).


Similar Part No. - STK6103

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK6105 SANYO-STK6105 Datasheet
236Kb / 11P
DC 3-phase Brushless Motor Driver (Output Current 5A)?
More results

Similar Description - STK6103

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
3-Phase Brushless Motor Driver???
STK6105 SANYO-STK6105 Datasheet
236Kb / 11P
DC 3-phase Brushless Motor Driver (Output Current 5A)?
logo
Allegro MicroSystems
2936-120 ALLEGRO-2936-120 Datasheet
211Kb / 10P
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
logo
Toshiba Semiconductor
TA7259P TOSHIBA-TA7259P_06 Datasheet
423Kb / 18P
3-PHASE BRUSHLESS DC MOTOR DRIVER IC
logo
Allegro MicroSystems
2936-120 ALLEGRO-2936-120_02 Datasheet
146Kb / 10P
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
A4936 ALLEGRO-A4936 Datasheet
204Kb / 9P
3-Phase Brushless DC Motor Pre-Driver
logo
ON Semiconductor
ENA2290 ONSEMI-ENA2290 Datasheet
413Kb / 20P
3-phase Brushless DC Motor Driver
March, 2014
logo
Allegro MicroSystems
A4931 ALLEGRO-A4931_16 Datasheet
244Kb / 9P
3-Phase Brushless DC Motor Pre-Driver
A4938 ALLEGRO-A4938_16 Datasheet
247Kb / 10P
3-Phase Brushless DC Motor Pre-Driver
logo
Feeling Technology Corp...
FD036KT FEELING-FD036KT Datasheet
148Kb / 11P
Sensorless 3-phase brushless DC Motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com