Electronic Components Datasheet Search
  English  ▼

X  

STK6103 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # STK6103
Description  DC 3-phase Brushless Motor Driver (Output Current 3A)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK6103 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button STK6103 Datasheet HTML 3Page - Sanyo Semicon Device STK6103 Datasheet HTML 4Page - Sanyo Semicon Device STK6103 Datasheet HTML 5Page - Sanyo Semicon Device STK6103 Datasheet HTML 6Page - Sanyo Semicon Device STK6103 Datasheet HTML 7Page - Sanyo Semicon Device STK6103 Datasheet HTML 8Page - Sanyo Semicon Device STK6103 Datasheet HTML 9Page - Sanyo Semicon Device STK6103 Datasheet HTML 10Page - Sanyo Semicon Device STK6103 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
STK6103
No. 4290- 10/11
(2)
Thermal radiation design
Actual thermal radiation design requires determination of the IC internal average power dissipation Pd from the
motor phase current Io (Fig. 9). Pd is then used to determine the thermal resistance for the radiator from the
following expression.
θc – a = Tc max – Ta (°C/W)
Pd
where Tc max = 105°C
Ta = ambient temperature
With a 2.0 mm radiation plate, the required area can be determined from Fig. 10. Note that substrate temperature
will vary widely with set internal air temperature, and Tc for the mounted state must be 105°C max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com