Electronic Components Datasheet Search
  English  ▼

X  

STK6103 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # STK6103
Description  DC 3-phase Brushless Motor Driver (Output Current 3A)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK6103 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button STK6103 Datasheet HTML 3Page - Sanyo Semicon Device STK6103 Datasheet HTML 4Page - Sanyo Semicon Device STK6103 Datasheet HTML 5Page - Sanyo Semicon Device STK6103 Datasheet HTML 6Page - Sanyo Semicon Device STK6103 Datasheet HTML 7Page - Sanyo Semicon Device STK6103 Datasheet HTML 8Page - Sanyo Semicon Device STK6103 Datasheet HTML 9Page - Sanyo Semicon Device STK6103 Datasheet HTML 10Page - Sanyo Semicon Device STK6103 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
STK6103
No. 4290-7/11
(2)
Other functions
Œ
CW/CCW
The direction of motor revolution can be selected by setting the input level to H or L. CW is H level and
CCW is L level. The CW timing chart is indicated in Fig. 3, and the CCW timing chart in Fig. 5.

Current limiter function
The current limiter converts the GND driver transistor source current into V
RS through the external RS, and
controls GND driver transistor conduction based on a comparison of this voltage to Vref
2.
Vref
2 generates a
0.1 V
CC2 voltage in pin open state.
Vref
2 is generated by the voltage division between 27 kΩ and 3 kΩ
resistances, and so the Vref
2 level can be readily reduced by attaching an external resistor.
To prevent HIC
destruction in the event of motor lock, a current limiter can be enabled by setting Vref
2 at or below Io ave.
If
no such protection is required, set Vref
2 between Io max and Io ave to limit rush current.
Ž
FG OUT
This pin outputs a square wave pulse proportional to one motor revolution, which can be used as the motor
servo-control PLL IC FG input signal. The square wave L level time t
1 is set by the time constant of CF and
R
F connected to the TFG pin (Fig. 4).
Fig. 4
In general, when the n-pole 3-phase brushless motor fixed-speed rpm is expressed as N(rpm), the setting for t
1
so that t
1 = 0.5 t2 is given by expression x.
t1 =
1000
x 0.5
[ms]···································· x
N
x 6 x
n
60
2
The relation between C
F, RF and t1 is given by expression y.
t
1 ≈ a·RF ·CF ································································· y
However, a = 1
(
s ), R
F = 3 kΩ to 30 kΩ, t1>50 µs
Ω·F
Expression x is designed to be half that of fixed speed t
2, but when an FV conversion circuit is connected to
the FG OUT pin, it is necessary to reduce the duty to under 50%. In this case, adjust R
F or CF as needed.
(3)
Precautions in drive
Œ
Start current (rush current)
The motor start Rs current waveform is shown in Fig. 6. Current peak I
OH must not exceed Io max.

Position detect signal
Because signal input sensitivity V
H is ±500 mV max, the level of the output signal (open collector) from the
Hall IC must be reduced through conversion. A sample of this circuit is shown in Fig. 7. The position detect
signal must be compatible with the motor phase winding even in the time chart state shown in Fig. 3, or the
motor may not revolve smoothly.
Ž
Motor phase winding current during braking
The motor phase winding current during braking must not exceed Io max even during peak, although several
times set current levels are input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com