Electronic Components Datasheet Search
  English  ▼

X  

VP503 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # VP503
Description  CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VP503 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button VP503 Datasheet HTML 3Page - Sanyo Semicon Device VP503 Datasheet HTML 4Page - Sanyo Semicon Device VP503 Datasheet HTML 5Page - Sanyo Semicon Device VP503 Datasheet HTML 6Page - Sanyo Semicon Device VP503 Datasheet HTML 7Page - Sanyo Semicon Device VP503 Datasheet HTML 8Page - Sanyo Semicon Device VP503 Datasheet HTML 9Page - Sanyo Semicon Device VP503 Datasheet HTML 10Page - Sanyo Semicon Device VP503 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Thermal Design for the VP503
We recommended that the VP503 be used with the operating case temperature, Tc, under 100°C. Since the VP503
includes three channels, we first consider a single channel. The chip temperature of each transistor under actual operating
conditions is determined using the following formula.
Tj = (Tri) =
θj-c (Tri) × Pc (Tri) + ∆Tc + Ta [°C] .................................. (1)
θj-c (Tri): Thermal resistance of an individual transistor
Pc (Tri):
Collector loss for an individual transistor
∆Tc:
Case temperature rise
Ta:
Ambient temperature
The
θj-c(Tri) for each chip is:
θj-c (Tr2) to (Tr4) = 30°C/W.................................................................. (2)
Although the loss for each transistor in a Video Pack varies with frequency and is not uniform, if we assume that the
maximum operating frequency, f = 85 MHz (clock), then the chips with the largest loss will be transistor 3 and that loss
will be about 1/4 of the total loss.Thus from the Pd for a single channel we have:
Pc (Tr3) f = 85 MHz = Pd (1CH) f = 85 MHz
× 0.25 [W] ..................... (3)
Here, we must select a heat sink with a capacity
θh such that the Tj of these transistors does not exceed 150°C. Equation
(4) below gives the relationship between
θh and ∆Tc.
∆Tc = Pd (TOTAL) × θh ........................................................................ (4)
The required
θh is calculated using this equation and equation (1).
No. 4933-8/11
VP503



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com