Electronic Components Datasheet Search
  English  ▼

X  

VP503 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # VP503
Description  CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VP503 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  VP503 Datasheet HTML 1Page - Sanyo Semicon Device VP503 Datasheet HTML 2Page - Sanyo Semicon Device VP503 Datasheet HTML 3Page - Sanyo Semicon Device VP503 Datasheet HTML 4Page - Sanyo Semicon Device VP503 Datasheet HTML 5Page - Sanyo Semicon Device VP503 Datasheet HTML 6Page - Sanyo Semicon Device VP503 Datasheet HTML 7Page - Sanyo Semicon Device VP503 Datasheet HTML 8Page - Sanyo Semicon Device VP503 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Operating Procedures
1. Setting the operating point
An optimal DC bias must be provided to operate a video pack and acquire the stipulated output dynamic range and
bandwidth characteristics. Basically, the center point output voltage with no input should be set according to the
following formula.
V0 (CENTER) = (VCC + VBB)/2
While the optimal operating point when an AC input is applied will be similar, the recommended electrical
characteristics should be referred to when setting the operating point. The figures below show the DC and AC
waveforms when the Sanyo test jig is used. The design of this product series was optimized so that these products
provide adequate high-power characteristics.
2. Optimal peaking technique for mounted products (VP503 Series)
• Termination LC peaking
As can be seen from the internal equivalent circuit diagram, this series differs from earlier series in that peaking is
not applied using an internal coil. Since the high-frequency region peaking point is determined by an LC resonator
at the termination, the total distributed capacitance of the output side is particularly important. Accordingly, since
the independent evaluation board timing characteristics will differ from the actual output load capacitance when an
output cable is installed, the high-frequency area peaking point that corresponds to the output load state in the
mounted circuit must be found.
(Adjust the circuit using an output matching RC circuit at the same time.)
• RC emitter peaking
The purpose of the emitter peaking value is to increase the AC gain from the mid-frequency area to the high-
frequency area. This should be determined last, after adjusting the termination peaking and output peaking RC
circuits. (To compensate for high-frequency gain degradation at the IC side.)
• Output matching RC circuit
This circuit is used in conjunction with the peaking compensation in each section to match the IC internal
impedance with the output load impedance. Mount this RC circuit in the vicinity of the protection diode and the IC
output pins. Adjust this circuit to correct system characteristics while observing the mid-frequency characteristics,
the amount of overshoot in the pulse response, and other aspects. Since the AC gain from the mid-frequency area to
the high-frequency area will be reduced somewhat by this adjustment, determine the setting by adjusting the value
of the resistor precisely.
The required circuit operating conditions can be set up smoothly if the following flowchart is used to adjust the
peaking values.
No. 4933-5/11
VP503



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com