Electronic Components Datasheet Search
  English  ▼

X  

VP503 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # VP503
Description  CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VP503 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  VP503 Datasheet HTML 1Page - Sanyo Semicon Device VP503 Datasheet HTML 2Page - Sanyo Semicon Device VP503 Datasheet HTML 3Page - Sanyo Semicon Device VP503 Datasheet HTML 4Page - Sanyo Semicon Device VP503 Datasheet HTML 5Page - Sanyo Semicon Device VP503 Datasheet HTML 6Page - Sanyo Semicon Device VP503 Datasheet HTML 7Page - Sanyo Semicon Device VP503 Datasheet HTML 8Page - Sanyo Semicon Device VP503 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Function
• Three-channel video output circuit for CRT displays
Package Dimensions
unit: mm
2117
Wideband Output Module (Video Pack)
D3096HA(OT) No. 4933-1/11
[VP503]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
CRT Display Video Output Amplifier:
High-Voltage, Wideband Amplification
VP503
Ordering number : EN4933A
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
90
V
VBB max
15
V
Allowable power dissipation
Pd max
4.5
W
At Tc = 25°C with an ideal heat sink
25
W
Case temperature
Tc max
100
°C
Storage temperature
Tstg
–20 to +110
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage I
VCC
70
V
VBB
10
V
Recommended supply voltage II
VCC
80
V
VBB
10
V
Operating Conditions at Ta = 25°C


Similar Part No. - VP503

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
VP5-0053-R COOPER-VP5-0053-R Datasheet
444Kb / 8P
Inductors and Transformers
logo
Eaton All Rights Reserv...
VP5-0053-R EATON-VP5-0053-R Datasheet
1Mb / 9P
VERSA-PAC짰 Inductors and Transformers (Surface Mount)
logo
Cooper Bussmann, Inc.
VP5-0067-R COOPER-VP5-0067-R Datasheet
444Kb / 8P
Inductors and Transformers
logo
Eaton All Rights Reserv...
VP5-0067-R EATON-VP5-0067-R Datasheet
1Mb / 9P
VERSA-PAC짰 Inductors and Transformers (Surface Mount)
logo
Cooper Bussmann, Inc.
VP5-0083-R COOPER-VP5-0083-R Datasheet
444Kb / 8P
Inductors and Transformers
More results

Similar Description - VP503

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
VP453 SANYO-VP453 Datasheet
90Kb / 5P
CRT Display Video Output Amplifier
VP513 SANYO-VP513 Datasheet
165Kb / 8P
CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
VP553 SANYO-VP553 Datasheet
92Kb / 5P
CRT Display Video Output Amplifier
VP603 SANYO-VP603 Datasheet
144Kb / 8P
CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
VPA12 SANYO-VPA12 Datasheet
72Kb / 3P
High-Precision CRT Display Video Output Amplifier
VPS10 SANYO-VPS10 Datasheet
104Kb / 4P
CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
VPS12 SANYO-VPS12 Datasheet
89Kb / 4P
CRT Display Video Output Amplifier: High-Voltage, Wideband Amplifier
VPS13 SANYO-VPS13 Datasheet
88Kb / 4P
CRT Display Video Output Amplifier, High-Voltage/Wideband Amplifier
logo
Fairchild Semiconductor
KSA1381 FAIRCHILD-KSA1381 Datasheet
73Kb / 5P
CRT Display, Video Output
KSA1406 FAIRCHILD-KSA1406 Datasheet
71Kb / 5P
CRT Display, Video Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com