Electronic Components Datasheet Search
  English  ▼

X  

VP503 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # VP503
Description  CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VP503 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  VP503 Datasheet HTML 1Page - Sanyo Semicon Device VP503 Datasheet HTML 2Page - Sanyo Semicon Device VP503 Datasheet HTML 3Page - Sanyo Semicon Device VP503 Datasheet HTML 4Page - Sanyo Semicon Device VP503 Datasheet HTML 5Page - Sanyo Semicon Device VP503 Datasheet HTML 6Page - Sanyo Semicon Device VP503 Datasheet HTML 7Page - Sanyo Semicon Device VP503 Datasheet HTML 8Page - Sanyo Semicon Device VP503 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
No. 4933-2/11
VP503
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Bandwidth I (–3 dB)
fc
VCC = 70 V, VBB = 10 V, CL = 5 pF,
80
MHz
VIN (DC) = 2.3 V, VOUT (p-p) = 40 V
Bandwidth II (–3 dB)
fc
VCC = 80 V, VBB = 10 V, CL = 5 pF,
75
MHz
VIN (DC) = 2.5 V, VOUT (p-p) = 50 V
Pulse response characteristics
tr
VCC = 80 V, VBB = 10 V, CL = 5 pF,
5.0
ns
tf
VIN (DC) = 2.3 V, VOUT (p-p) = 40 V
5.0
ns
Voltage gain
GV (DC)
17
19
21
ICC1
VCC = 70 V, VBB = 10 V, VIN (DC) = 2.3 V,
40
mA
Current drain I
f = 10 MHz clock, CL = 5 pF, VOUT (p-p) = 40 V
ICC2
VCC = 70 V, VBB = 10 V, VIN (DC) = 2.3 V,
50
mA
f = 70 MHz clock, CL = 5 pF, VOUT (p-p) = 40 V
ICC1
VCC = 80 V, VBB = 10 V, VIN (DC) = 2.5 V,
45
mA
Current drain II
f = 10 MHz clock, CL = 5 pF, VOUT (p-p) = 50 V
ICC2
VCC = 80 V, VBB = 10 V, VIN (DC) = 2.5 V,
60
mA
f = 70 MHz clock, CL = 5 pF, VOUT (p-p) = 50 V
Electrical Characteristics at Ta = 25°C
Internal Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com