Electronic Components Datasheet Search
  English  ▼

X  

68HC05B Datasheet(PDF) 39 Page - Motorola, Inc

Part # 68HC05B
Description  High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05B Datasheet(HTML) 39 Page - Motorola, Inc

Back Button 68HC05B Datasheet HTML 35Page - Motorola, Inc 68HC05B Datasheet HTML 36Page - Motorola, Inc 68HC05B Datasheet HTML 37Page - Motorola, Inc 68HC05B Datasheet HTML 38Page - Motorola, Inc 68HC05B Datasheet HTML 39Page - Motorola, Inc 68HC05B Datasheet HTML 40Page - Motorola, Inc 68HC05B Datasheet HTML 41Page - Motorola, Inc 68HC05B Datasheet HTML 42Page - Motorola, Inc 68HC05B Datasheet HTML 43Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 298 page
background image
MC68HC05B6
Rev. 4
MOTOROLA
2-11
MODES OF OPERATION AND PIN DESCRIPTIONS
2
2.5.5
TCAP2
The TCAP2 input controls the input capture 2 function of the on-chip programmable timer system.
2.5.6
TCMP1
The TCMP1 pin is the output of the output compare 1 function of the timer system.
2.5.7
TCMP2
The TCMP2 pin is the output of the output compare 2 function of the timer system.
2.5.8
OSC1, OSC2
These pins provide control input for an on-chip oscillator circuit. A crystal, ceramic resonator or
external clock signal connected to these pins supplies the oscillator clock. The oscillator frequency
(fOSC) is divided by two to give the internal bus frequency (fOP). There is also a software option
which introduces an additional divide by 16 into the oscillator clock, giving an internal bus
frequency of fOSC/32.
2.5.8.1
Crystal
The circuit shown in Figure 2-5(a) is recommended when using either a crystal or a ceramic
resonator. Figure 2-5(d) lists the recommended capacitance and feedback resistance values. The
internal oscillator is designed to interface with an AT-cut parallel-resonant quartz crystal resonator
in the frequency range specified for fOSC (see Section 11.4). Use of an external CMOS oscillator
is recommended when crystals outside the specified ranges are to be used. The crystal and
associated components should be mounted as close as possible to the input pins to minimise
output distortion and start-up stabilisation time. The manufacturer of the particular crystal being
considered should be consulted for specific information.
2.5.8.2
Ceramic resonator
A ceramic resonator may be used instead of a crystal in cost sensitive applications. The circuit shown
in Figure 2-5(a) is recommended when using either a crystal or a ceramic resonator. Figure 2-5(d) lists
the recommended capacitance and feedback resistance values. The manufacturer of the particular
ceramic resonator being considered should be consulted for specific information.
TPG
37
05B6Book Page 11 Tuesday, April 6, 1999 8:24 am
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com