Electronic Components Datasheet Search
  English  ▼

X  

68HC05B Datasheet(PDF) 67 Page - Motorola, Inc

Part # 68HC05B
Description  High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05B Datasheet(HTML) 67 Page - Motorola, Inc

Back Button 68HC05B Datasheet HTML 63Page - Motorola, Inc 68HC05B Datasheet HTML 64Page - Motorola, Inc 68HC05B Datasheet HTML 65Page - Motorola, Inc 68HC05B Datasheet HTML 66Page - Motorola, Inc 68HC05B Datasheet HTML 67Page - Motorola, Inc 68HC05B Datasheet HTML 68Page - Motorola, Inc 68HC05B Datasheet HTML 69Page - Motorola, Inc 68HC05B Datasheet HTML 70Page - Motorola, Inc 68HC05B Datasheet HTML 71Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 298 page
background image
MC68HC05B6
Rev. 4
MOTOROLA
5-9
PROGRAMMABLE TIMER
5
5.4
Output compare
‘Output compare’ is a technique which may be used, for example, to generate an output waveform,
or to signal when a specific time period has elapsed, by presetting the output compare register to
the appropriate value.
There are two output compare registers: output compare register 1 (OCR1) and output compare
register 2 (OCR2), both of which are read or write registers.
Note:
The same output compare interrupt enable bit (OCIE) is used for the two output
compares.
5.4.1
Output compare register 1 (OCR1)
The 16-bit output compare register 1 is made up of two 8-bit registers at locations $16 (MSB) and
$17 (LSB). The contents of the output compare register 1 are compared with the contents of the
free-running counter continually and, if a match is found, the corresponding output compare flag
(OCF1) in the timer status register is set and the output level (OLVL1) is transferred to pin TCMP1.
The output compare register 1 values and the output level bit should be changed after each
successful comparison to establish a new elapsed timeout. An interrupt can also accompany a
successful output compare provided the corresponding interrupt enable bit (OCIE) is set. (The
free-running counter is updated every four internal bus clock cycles.)
After a processor write cycle to the output compare register 1 containing the MSB ($16), the output
compare function is inhibited until the LSB ($17) is also written. The user must write both bytes
(locations) if the MSB is written first. A write made only to the LSB ($17) will not inhibit the compare
1 function. The processor can write to either byte of the output compare register 1 without affecting
the other byte. The output level (OLVL1) bit is clocked to the output level register and hence to the
TCMP1 pin whether the output compare flag 1 (OCF1) is set or clear. The minimum time required
to update the output compare register 1 is a function of the program rather than the internal
hardware. Because the output compare flag 1 and the output compare register 1 are not defined
at power on, and not affected by reset, care must be taken when initializing output compare
functions with software. The following procedure is recommended:
–
Write to output compare high 1 to inhibit further compares;
–
Read the timer status register to clear OCF1 (if set);
–
Write to output compare low 1 to enable the output compare 1 function.
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
Output compare high 1
$0016
Undefined
Output compare low 1
$0017
Undefined
TPG
65
05B6Book Page 9 Tuesday, April 6, 1999 8:24 am
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com