Electronic Components Datasheet Search
  English  ▼

X  

68HC05B Datasheet(PDF) 13 Page - Motorola, Inc

Part # 68HC05B
Description  High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05B Datasheet(HTML) 13 Page - Motorola, Inc

Back Button 68HC05B Datasheet HTML 9Page - Motorola, Inc 68HC05B Datasheet HTML 10Page - Motorola, Inc 68HC05B Datasheet HTML 11Page - Motorola, Inc 68HC05B Datasheet HTML 12Page - Motorola, Inc 68HC05B Datasheet HTML 13Page - Motorola, Inc 68HC05B Datasheet HTML 14Page - Motorola, Inc 68HC05B Datasheet HTML 15Page - Motorola, Inc 68HC05B Datasheet HTML 16Page - Motorola, Inc 68HC05B Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 298 page
background image
MC68HC05B6
Rev. 4
MOTOROLA
v
TABLE OF CONTENTS
Paragraph
Number
Page
Number
TABLE OF CONTENTS
10
CPU CORE AND INSTRUCTION SET
10.1
Registers .........................................................................................................10–1
10.1.1
Accumulator (A) .........................................................................................10–2
10.1.2
Index register (X)........................................................................................10–2
10.1.3
Program counter (PC) ................................................................................10–2
10.1.4
Stack pointer (SP) ......................................................................................10–2
10.1.5
Condition code register (CCR)...................................................................10–2
10.2
Instruction set ..................................................................................................10–3
10.2.1
Register/memory Instructions ....................................................................10–4
10.2.2
Branch instructions ....................................................................................10–4
10.2.3
Bit manipulation instructions ......................................................................10–4
10.2.4
Read/modify/write instructions ...................................................................10–4
10.2.5
Control instructions ....................................................................................10–4
10.2.6
Tables.........................................................................................................10–4
10.3
Addressing modes .........................................................................................10–11
10.3.1
Inherent....................................................................................................10–11
10.3.2
Immediate ................................................................................................10–11
10.3.3
Direct........................................................................................................10–11
10.3.4
Extended..................................................................................................10–12
10.3.5
Indexed, no offset.....................................................................................10–12
10.3.6
Indexed, 8-bit offset..................................................................................10–12
10.3.7
Indexed, 16-bit offset................................................................................10–12
10.3.8
Relative ....................................................................................................10–13
10.3.9
Bit set/clear ..............................................................................................10–13
10.3.10
Bit test and branch ...................................................................................10–13
11
ELECTRICAL SPECIFICATIONS
11.1
Absolute maximum ratings ..............................................................................11–1
11.2
DC electrical characteristics ............................................................................11–2
11.2.1
IDD trends for 5V operation ........................................................................11–3
11.2.2
IDD trends for 3.3V operation .....................................................................11–6
11.3
A/D converter characteristics...........................................................................11–8
11.4
Control timing ................................................................................................11–10
12
MECHANICAL DATA
12.1
MC68HC05B family pin configurations ............................................................12–1
12.1.1
52-pin plastic leaded chip carrier (PLCC) ..................................................12–1
12.1.2
64-pin quad flat pack (QFP) .......................................................................12–2
TPG
11
05B6Book Page v Tuesday, April 6, 1999 8:24 am
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com