Electronic Components Datasheet Search
  English  ▼

X  

68HC05B Datasheet(PDF) 21 Page - Motorola, Inc

Part # 68HC05B
Description  High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05B Datasheet(HTML) 21 Page - Motorola, Inc

Back Button 68HC05B Datasheet HTML 17Page - Motorola, Inc 68HC05B Datasheet HTML 18Page - Motorola, Inc 68HC05B Datasheet HTML 19Page - Motorola, Inc 68HC05B Datasheet HTML 20Page - Motorola, Inc 68HC05B Datasheet HTML 21Page - Motorola, Inc 68HC05B Datasheet HTML 22Page - Motorola, Inc 68HC05B Datasheet HTML 23Page - Motorola, Inc 68HC05B Datasheet HTML 24Page - Motorola, Inc 68HC05B Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 298 page
background image
MC68HC05B6
Rev. 4
MOTOROLA
xiii
LIST OF TABLES
Table
Number
Page
Number
TITLE
LIST OF TABLES
1-1
Data sheet appendices.......................................................................................1–1
2-1
Mode of operation selection ...............................................................................2–1
3-1
EEPROM control bits description .......................................................................3–4
3-2
Register outline...................................................................................................3–8
3-3
IRQ sensitivity.....................................................................................................3–9
4-1
I/O pin states ......................................................................................................4–2
6-1
Method of receiver wake-up .............................................................................6–11
6-2
SCI clock on SCLK pin .....................................................................................6–13
6-3
First prescaler stage .........................................................................................6–18
6-4
Second prescaler stage (transmitter) ...............................................................6–18
6-5
Second prescaler stage (receiver)....................................................................6–19
6-6
SCI baud rate selection ....................................................................................6–20
8-1
A/D clock selection .............................................................................................8–4
8-2
A/D channel assignment.....................................................................................8–5
9-1
Effect of RESET, POR, STOP and WAIT............................................................9–5
9-2
Interrupt priorities ...............................................................................................9–7
9-3
IRQ sensitivity.....................................................................................................9–9
10-1
MUL instruction.................................................................................................10–5
10-2
Register/memory instructions...........................................................................10–5
10-3
Branch instructions ...........................................................................................10–6
10-4
Bit manipulation instructions.............................................................................10–6
10-5
Read/modify/write instructions .........................................................................10–7
10-6
Control instructions...........................................................................................10–7
10-7
Instruction set (1 of 2).......................................................................................10–8
10-8
Instruction set (2 of 2).......................................................................................10–9
10-9
M68HC05 opcode map...................................................................................10–10
11-1
Absolute maximum ratings ...............................................................................11–1
11-2
DC electrical characteristics for 5V operation...................................................11–2
11-3
DC electrical characteristics for 3.3V operation................................................11–5
11-4
A/D characteristics for 5V operation .................................................................11–8
11-5
A/D characteristics for 3.3V operation ..............................................................11–9
11-6
Control timing for 5V operation .......................................................................11–10
11-7
Control timing for 3.3V operation ....................................................................11–11
TPG
19
05B6Book Page xiii Tuesday, April 6, 1999 8:24 am
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com