Electronic Components Datasheet Search
  English  ▼

X  

TLE7236SE Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # TLE7236SE
Description  SPI Driver for Enhanced Relay Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7236SE Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button TLE7236SE Datasheet HTML 29Page - Infineon Technologies AG TLE7236SE Datasheet HTML 30Page - Infineon Technologies AG TLE7236SE Datasheet HTML 31Page - Infineon Technologies AG TLE7236SE Datasheet HTML 32Page - Infineon Technologies AG TLE7236SE Datasheet HTML 33Page - Infineon Technologies AG TLE7236SE Datasheet HTML 34Page - Infineon Technologies AG TLE7236SE Datasheet HTML 35Page - Infineon Technologies AG TLE7236SE Datasheet HTML 36Page - Infineon Technologies AG TLE7236SE Datasheet HTML 37Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
SPI Driver for Enhanced Relay Control
TLE7236SE
Serial Peripheral Interface (SPI)
Data Sheet
33
Rev. 1.0, 2010-02-18
9.6.19 Output enable time (falling CS to SO
valid)
t
SO(en)
––
200
ns
C
L = 20 pF
1)
9.6.20 Output disable time (rising CS to SO
tri-state)
t
SO(dis)
––
200
ns
C
L = 20 pF
1)
9.6.21 Output data valid time with capacitive
load
t
SO(v)
––
100
ns
C
L = 20 pF
1)
1) Not subject to production test, specified by design.
Unless otherwise specified:
V
DD = 3.0 V to 5.5V, VBAT = 9.0 V to 16V, Tj = -40 °C to +150 °C
typical values:
V
DD = 5.0 V, VBAT = 13.5 V, Tj = 25 °C
Pos. Parameter
Symbol
Limit Values
Unit Test Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com