Electronic Components Datasheet Search
  English  ▼

X  

TLE7236SE Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE7236SE
Description  SPI Driver for Enhanced Relay Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7236SE Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE7236SE Datasheet HTML 18Page - Infineon Technologies AG TLE7236SE Datasheet HTML 19Page - Infineon Technologies AG TLE7236SE Datasheet HTML 20Page - Infineon Technologies AG TLE7236SE Datasheet HTML 21Page - Infineon Technologies AG TLE7236SE Datasheet HTML 22Page - Infineon Technologies AG TLE7236SE Datasheet HTML 23Page - Infineon Technologies AG TLE7236SE Datasheet HTML 24Page - Infineon Technologies AG TLE7236SE Datasheet HTML 25Page - Infineon Technologies AG TLE7236SE Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Data Sheet
22
Rev. 1.0, 2010-02-18
SPI Driver for Enhanced Relay Control
TLE7236SE
Protection Functions
7.6
Electrical Characteristics
Unless otherwise specified:
V
DD = 3.0 V to 5.5V, VBAT = 9.0 V to 16V, Tj = -40 °C to +150 °C
typical values:
V
DD = 5.0 V, VBAT = 13.5 V, Tj = 25 °C
Pos. Parameter
Symbol
Limit Values
Unit Test Conditions
min.
typ.
max.
Over Load Protection
7.6.1 Over load detection current at channel
0,1,4,5,6,7
I
Out(OVL)
0.5
1.0
A
7.6.2 Over load detection current at channel 2,3
I
Out(OVL)
0.22
0.5
A
7.6.3 Over load shut-down delay time
t
OFF(OVL)
60
µs
Over Temperature Protection
7.6.4 Thermal shut down temperature
T
j(SC)
150
1701)
1) Not subject to production test, specified by design
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com