Electronic Components Datasheet Search
  English  ▼

X  

TLE7236SE Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE7236SE
Description  SPI Driver for Enhanced Relay Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7236SE Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE7236SE Datasheet HTML 4Page - Infineon Technologies AG TLE7236SE Datasheet HTML 5Page - Infineon Technologies AG TLE7236SE Datasheet HTML 6Page - Infineon Technologies AG TLE7236SE Datasheet HTML 7Page - Infineon Technologies AG TLE7236SE Datasheet HTML 8Page - Infineon Technologies AG TLE7236SE Datasheet HTML 9Page - Infineon Technologies AG TLE7236SE Datasheet HTML 10Page - Infineon Technologies AG TLE7236SE Datasheet HTML 11Page - Infineon Technologies AG TLE7236SE Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Data Sheet
8
Rev. 1.0, 2010-02-18
SPI Driver for Enhanced Relay Control
TLE7236SE
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment
l
Figure 3
Pin Configuration PG-DSO20-45
3.2
Pin Definitions and Functions
Pin
Symbol
I/O
Function
Power Supply
18
VDD
-
Digital power supply
1
VBB
-
Power supply
10
GND
-
Digital, analog and power ground
Power Stages
20
OUT0
O
Source of high side power transistor channel 0
2
OUT1
O
Source of high side power transistor channel 1
19
OUT2
O
Source of high side power transistor channel 2
3
OUT3
O
Source of high side power transistor channel 3
13
D4
O
Drain of auto configuring power transistor 4
11
S4
O
Source of auto configuring power transistor 4
7
D5
O
Drain of auto configuring power transistor 5
9
S5
O
Source of auto configuring power transistor 5
12
OUT6
O
Drain of low side power transistor channel 6
8
OUT7
O
Drain of low side power transistor channel 7
Inputs
4
LHI
I
Limp home activation input pin (pull down)
(top view )
2
3
4
5
6
7
8
9
OUT3
OUT1
OUT7
IN1
IN2
D5
S5
P-DSO20-45.emf
10
GND
1
VBB
19
18
17
16
15
14
13
12
VDD
OUT2
D4
SCLK
SI
SO
OUT6
11
S4
20
OUT0
CS
LHI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com