Electronic Components Datasheet Search
  English  ▼

X  

TLE7236SE Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE7236SE
Description  SPI Driver for Enhanced Relay Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7236SE Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE7236SE Datasheet HTML 6Page - Infineon Technologies AG TLE7236SE Datasheet HTML 7Page - Infineon Technologies AG TLE7236SE Datasheet HTML 8Page - Infineon Technologies AG TLE7236SE Datasheet HTML 9Page - Infineon Technologies AG TLE7236SE Datasheet HTML 10Page - Infineon Technologies AG TLE7236SE Datasheet HTML 11Page - Infineon Technologies AG TLE7236SE Datasheet HTML 12Page - Infineon Technologies AG TLE7236SE Datasheet HTML 13Page - Infineon Technologies AG TLE7236SE Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Data Sheet
10
Rev. 1.0, 2010-02-18
SPI Driver for Enhanced Relay Control
TLE7236SE
Electrical Characteristics
4
Electrical Characteristics
4.1
Absolute Maximum Ratings 1)
Stresses above the ones listed here may affect device reliability or may cause permanent damage to the device.
The values below are not considering combinations of different maximum conditions at one time
1) not subject to production test
T
j = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Absolute Maximum Ratings1)
Pos.
Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
max.
Power Supply
4.1.1
Power supply voltage
Vbb
-40
40
V
-40V max. 2 minutes
4.1.2
Digital supply voltage
V
DD
-0.3
5.5
V
–
4.1.3
Power supply voltage for short circuit
protection (single pulse)
V
bat(SC)
028
V
–
Power Stages
4.1.4
Load current
I
L
A–
channel 0, 1, 4, 5, 6, 7
-0.5
0.5
channel 2, 3
-0.25
0.25
4.1.5
Voltage at power transistor
V
DS
–41
V
–
4.1.6
Power transistor’s source voltage
V
Out_S
-16
–
V
–
4.1.7
Power transistor’s drain voltage
V
Out_D
–41
V
–
4.1.8
Max. energy dissipation one channel single
pulse for ch. 0, 1, 4, 5, 6, 7
E
AS
mJ
2)
–65
T
j(0) = 105 °C
I
D(0) = 0.35 A
–50
T
j(0) = 150 °C
I
D(0)= 0.250 A
4.1.9
Maximum energy dissipation one channel
repetitive pulses for ch. 0, 1, 4, 5, 6, 7
E
AR
mJ
2)
1· 104 cycles
–
18
T
j(0) = 105 °C
I
D(0) = 0.250 A
1· 106 cycles
–
13
T
j(0) = 105 °C
I
D(0) = 0.220 A
4.1.10 Max. energy dissipation one channel single
pulse for ch. 2,3
E
AS
mJ
2)
–50
T
j(0) = 105 °C
I
D(0) = 0.250 A
–30
T
j(0) = 150 °C
I
D(0)= 0.250 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com