Electronic Components Datasheet Search
  English  ▼

X  

TLE4998P3 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4998P3
Description  Programmable Linear Hall Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998P3 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4998P3 Datasheet HTML 5Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 6Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 7Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 8Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 9Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 10Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 11Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 12Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
TLE4998P
General
Data Sheet
9
V 1.0, 2008-07
The IC is produced in BiCMOS technology with high voltage capability, also providing
reverse polarity protection.
Digital signal processing, using a 16-bit DSP architecture together with digital
temperature compensation, guarantees excellent long-time stability as compared to
analog compensation methods.
While the overall resolution is 16 bits, some internal stages work with resolutions up to
20 bits.
The PWM output frequency can be selected within the range of 122 Hz up to 1953 Hz.
2.3
Principle of Operation
• A magnetic flux is measured by a Hall-Effect cell
• The output signal from the Hall-Effect cell is converted from Analog to Digital signals
• The chopped Hall-Effect cell and continuous-time A/D conversion ensure a very low
and stable magnetic offset
• A programmable Low-Pass filter reduces the noise
• The temperature is measured and A/D converted, too
• Temperature compensation is done digitally using a second order function
• Digital processing of output value is based on zero field and sensitivity value
• The output value range can be clamped by digital limiters
• The final output value is transferred in a rectangular, periodic signal with varying duty
cycle (Pulse Width Modulation)
• The duty cycle is proportional to the 12-bit output value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com