Electronic Components Datasheet Search
  English  ▼

X  

TLE4998P3 Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE4998P3
Description  Programmable Linear Hall Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998P3 Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE4998P3 Datasheet HTML 20Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 21Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 22Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 23Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 24Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 25Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 26Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 27Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
TLE4998P
Error Detection
Data Sheet
24
V 1.0, 2008-07
7
Error Detection
Different error cases can be detected by the On-Board-Diagnostics (OBD) and reported
to the microcontroller. The OBD is useful only when the clamping function is enabled.
7.1
Voltages Outside the Operating Range
The output signals error conditions if
VDD crosses the overvoltage threshold level.
Table 15
Overvoltage
7.2
EEPROM Error Correction
The parity method is able to correct one single bit in one EEPROM line. One other single-
bit error in another line can also be detected. As this situation is not correctable, this
status is signalled at the output pin by clamping the output value to
CYPWM = 100%.
Table 16
EEPROM Error Signalling
Parameter
Symbol
Limit Values
Unit
Notes
min.
typ.
max.
Overvoltage threshold
VDDov
16.65
17.5
18.35
V
Output duty cycle
@ overvoltage
CYPWMov 100
1)
1) Output stays in “off” state (high ohmic)
-
-
%
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Output duty cycle
@ EEPROM error
CYPWMerr 100
1)
1) Output stays in “off” state (high ohmic)
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com