Electronic Components Datasheet Search
  English  ▼

X  

TLE4998P3 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4998P3
Description  Programmable Linear Hall Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998P3 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4998P3 Datasheet HTML 10Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 11Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 12Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 13Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 14Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 15Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 16Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 17Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
TLE4998P
Electrical, Thermal and Magnetic Parameters
Data Sheet
14
V 1.0, 2008-07
Calculation of the Junction Temperature
The total power dissipation PTOT of the chip increases its temperature above the ambient
temperature.
The power multiplied by the total thermal resistance
RthJA (Junction to Ambient) leads
to the final junction temperature.
RthJA is the sum of the addition of the values of the two
components
Junction to Case and Case to Ambient.
RthJA = RthJC + RthCA
TJ = TA + ∆T
∆T = R
thJA x PTOT = RthJA x ( VDD x IDD + VOUT x IOUT )
IDD , IOUT > 0, if direction is into IC
Example TLE4998P4 (assuming no load on Vout):
–
VDD = 5 V
–
IDD = 8 mA
–
∆T = 240 [K/W] x (5 [V] x 0.008 [A] + 0 [VA] ) = 9.6 K
For moulded sensors, the calculation with RthJC is more adequate.
Magnetic Parameters
Table 6
Magnetic Characteristics
Parameter
Symbol Limit Values
Unit
Notes
min.
typ.
max.
Sensitivity
S1)
1) Defined as
∆DY
PWM / ∆B
± 0.2
-
± 6
%/mT
2)3)
2) Programmable in steps of 0.024%
3) @ V
DD = 5V and TJ = 25°C
Temperature
coefficient of sensitivity
TC
-150
0
150
ppm/
°C
4)
See Figure 5
4) For any 1st and 2nd order polynomial, coefficient within definition in chapter 8
Magnetic field range
MFR
± 50
± 1005) ± 200
mT
Programmable 6)
Integral nonlinearity
Inl
- 0.1
-
0.1
%MFR 7)9)
Magnetic offset
BOS
- 400
0
400
µT
8)9)
Magnetic offset drift
∆B
OS
- 5
-
5
µT / °C Error band 9)
Magnetic hysteresis
BHYS
0
-
10
µT
10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com