Electronic Components Datasheet Search
  English  ▼

X  

TLE4998P3 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4998P3
Description  Programmable Linear Hall Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998P3 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4998P3 Datasheet HTML 7Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 8Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 9Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 10Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 11Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 12Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 13Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 14Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
TLE4998P
Maximum Ratings
Data Sheet
11
V 1.0, 2008-07
3
Maximum Ratings
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 3
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Storage temperature
TST
- 40
150
°C
Junction temperature
TJ
- 40
1701)
1) For limited time of 96 h. Depends on customer temperature lifetime cycles. Please ask Infineon for support
°C
Voltage on
VDD pin with
respect to ground
VDD
-18
18
V
2)
2) Higher voltage stress than absolute maximum rating, e.g. 150% in latch-up tests is not applicable. In such
cases, Rseries ≥100Ω for current limitation is required
Supply current
@ overvoltage VDD max.
IDDov
-
15
mA
Reverse supply current
@ VDD min.
IDDrev
-1
-
mA
Voltage on output pin with
respect to ground
OUT
-13)
3) I
DD can exceed 10 mA when the voltage on OUT is pulled below -1 V (-5 V at room temperature)
184)
4) V
DD = 5 V, open drain permanent low, for max. 10 min
V
Magnetic field
BMAX
-
unlimited
T
ESD protection
VESD
-
4.0
kV
According HBM
JESD22-A114-B 5)
5) 100 pF and 1.5 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com