Electronic Components Datasheet Search
  English  ▼

X  

TLK10002 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10002
Description  10Gbps Dual-Channel Multi-Rate Transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK10002 Datasheet(HTML) 2 Page - Texas Instruments

  TLK10002 Datasheet HTML 1Page - Texas Instruments TLK10002 Datasheet HTML 2Page - Texas Instruments TLK10002 Datasheet HTML 3Page - Texas Instruments TLK10002 Datasheet HTML 4Page - Texas Instruments TLK10002 Datasheet HTML 5Page - Texas Instruments TLK10002 Datasheet HTML 6Page - Texas Instruments TLK10002 Datasheet HTML 7Page - Texas Instruments TLK10002 Datasheet HTML 8Page - Texas Instruments TLK10002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 73 page
background image
TLK10002
SLLSE75
– MAY 2011
www.ti.com
DESCRIPTION
The TLK10002 is a dual-channel multi-rate transceiver intended for use in high-speed bi-directional point-to-point
data transmission systems. It has special support for the wireless base station Remote Radio Head (RRH)
application, but may also be used in other high speed applications. It supports all the CPRI and OBSAI rates
from 1.2288Gbps to 9.8304Gbps.
The TLK10002 performs 1:1, 2:1 and 4:1 serialization of the 8B/10B encoded data streams presented on its low
speed (LS) side data inputs. The serialized 8B/10B encoded data is presented on the high speed (HS) side
outputs. Likewise, the TLK10002 performs 1:1, 1:2 and 1:4 deserialization of 8B/10B encoded data streams
presented on its high speed side data inputs. The deserialized 8B/10B encoded data is presented on the low
speed side outputs. Depending on the serialization/deserialization ratio, the low speed side data rate can range
from 0.5Gbps to 5Gbps and the high speed side data rate can range from 1Gbps to 10Gbps. Both low speed
and high speed side data inputs and outputs are of differential current mode logic (CML) type with integrated
termination resistors. In the 1:1 mode, the input can be raw (non-8B/10B encoded) data, allowing for
transmission of PRBS data through the device.
The TLK10002 performs data serialization/deserialization and clock extraction as a physical layer interface
device. Flexible clocking schemes are provided to support various operations. They include the support for
clocking with an externally-jitter-cleaned clock recovered from the high speed side.
The TLK10002 provides two low speed side and two high speed side loopback modes for self-test and system
diagnostic purposes.
The TLK10002 has built-in pattern generation and verification to help in system tests. The low speed side
supports generation and verification of PRBS 27-1, 223-1, and 231-1 patterns. In addition to those PRBS patterns,
the high speed side supports High, Low, Mixed, and CRPAT long/short pattern generation and verification.
The TLK10002 has an integrated loss of signal (LOS) detection function on both high speed and low speed
sides. LOS is asserted in conditions where the input differential voltage swing is less than the LOS assert
threshold. The input differential voltage swing must exceed the de-assert threshold for the LOS condition to be
cleared.
Lane alignment for each channel is achieved through a proprietary lane alignment scheme implemented on the
low speed side interface. The interfaced upstream link partner device needs to implement the lane alignment
scheme for the correct link operation. Normal link operation resumes only after lane alignment is achieved.
The two TLK10002 channels are fully independent. They can be operated with different reference clocks, at
different data rates, and with different serialization/deserialization ratios.
The low speed side of the TLK10002 is ideal for interfacing with an FPGA or ASIC located on the same local
physical system. The high speed side is ideal for interfacing with remote systems through an optical fiber, an
electrical cable, or a backplane interface. The TLK10002 supports operation with SFP and SFP+ optical
modules.
2
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com