Electronic Components Datasheet Search
  English  ▼

X  

TLK10002 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10002
Description  10Gbps Dual-Channel Multi-Rate Transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK10002 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLK10002 Datasheet HTML 9Page - Texas Instruments TLK10002 Datasheet HTML 10Page - Texas Instruments TLK10002 Datasheet HTML 11Page - Texas Instruments TLK10002 Datasheet HTML 12Page - Texas Instruments TLK10002 Datasheet HTML 13Page - Texas Instruments TLK10002 Datasheet HTML 14Page - Texas Instruments TLK10002 Datasheet HTML 15Page - Texas Instruments TLK10002 Datasheet HTML 16Page - Texas Instruments TLK10002 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
TLK10002
www.ti.com
SLLSE75
– MAY 2011
Lane Alignment Components
•
Lane Alignment Master (LAM)
– Responsible for generating proprietary LS lane alignment initialization pattern
– Resides in the TLK10002 LS receiver (one instance in Channel A, one instance in Channel B)
– Responsible for bringing up LS receive link for the data sent from the TLK10002 to a link partner
device
– Monitors the LS_OK_IN_A/B pins for “Link Status OK” signals sent from the Lane Alignment Slave
(LAS) of the link partner device
– Resides in the link partner device (one instance in Channel A, one instance in Channel B)
– Responsible for bringing up LS transmit link for the data sent from the link partner device to the
TLK10002
– Monitors the “Link Status OK” signals sent from the LS_OK_OUT_A/B pins of the Lane Alignment
Slave (LAS) of the TLK10002
•
Lane Alignment Slave (LAS)
– Responsible for monitoring the LS lane alignment initialization pattern
– Performs channel synchronization per lane (2 or 4 lanes) through byte rotation
– Performs lane alignment and realignment of bytes across lanes
– Resides in the TLK10002 LS transmitter (one instance in Channel A, one instance in Channel B)
– Generates the “Link Status OK” signal for the LAM on the link partner device
– Resides in the link partner device (one instance in Channel A, one instance in Channel B)
– Generates the “Link Status OK” signal for the LAM on the TLK10002 device.
Lane Alignment Operation
During lane alignment, the LS transmitter (LAM) sends a repeating pattern of 49 characters (control + data)
simultaneously across all enabled LS lanes. These simultaneous streams are then encoded by 8B/10B encoders
in parallel. The proprietary lane alignment pattern consists of the following characters:
/K28.5/ (CTL=1, Data=0xBC)
Repeat the following sequence of 12 characters four times:
/D30.5/ (CTL=0, Data=0xBE)
/D23.6/ (CTL=0, Data=0xD7)
/D3.1/ (CTL=0, Data=0x23)
/D7.2/ (CTL=0, Data=0x47)
/D11.3/ (CTL=0, Data=0x6B)
/D15.4/ (CTL=0, Data=0x8F)
/D19.5/ (CTL=0, Data=0xB3)
/D20.0/ (CTL=0, Data=0x14)
/D30.2/ (CTL=0, Data=0x5E)
/D27.7/ (CTL=0, Data=0xFB)
/D21.1/ (CTL=0, Data=0x35)
/D25.2/ (CTL=0, Data=0x59)
The above 49-character sequence is repeated until LS_OK_IN_A/B is asserted. Once LS_OK_IN_A/B is
asserted, the LAM resumes transmitting traffic received from the high speed side SERDES immediately.
The TLK10002 performs lane alignment across the lanes similar in fashion to the IEEE 802.3ae-2002 (XAUI)
specification. XAUI only operates across 4 lanes while LAS operates with 2 or 4 lanes. The lane alignment state
machine is shown in Figure 9. The comma (K28.5) character is used for lane to lane alignment instead of XAUI
’s
/A/ character.
Lane alignment checking is not performed by the LAS after lane alignment is achieved. After LAM detects that
the LS_OK_IN_A/B signal is asserted, normal system traffic is carried instead of the proprietary lane alignment
pattern.
Channel Synchronization is performed during lane alignment and normal system operation.
Copyright
© 2011, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com