Electronic Components Datasheet Search
  English  ▼

X  

TLK10002 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10002
Description  10Gbps Dual-Channel Multi-Rate Transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK10002 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TLK10002 Datasheet HTML 35Page - Texas Instruments TLK10002 Datasheet HTML 36Page - Texas Instruments TLK10002 Datasheet HTML 37Page - Texas Instruments TLK10002 Datasheet HTML 38Page - Texas Instruments TLK10002 Datasheet HTML 39Page - Texas Instruments TLK10002 Datasheet HTML 40Page - Texas Instruments TLK10002 Datasheet HTML 41Page - Texas Instruments TLK10002 Datasheet HTML 42Page - Texas Instruments TLK10002 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
TLK10002
www.ti.com
SLLSE75
– MAY 2011
LS_ SERDES_CONTROL_1
— Address: 0x06 Default: 0xF115
BIT(s)
NAME
DESCRIPTION
ACCESS
6.15:12
LS_LN_CFG_EN[3:0]
Configuration control for LS SERDES Lane settings (Default 4
’b1111)
RW
[3] corresponds to LN3, [2] corresponds to LN2
[1] corresponds to LN1, [0] corresponds to LN0
0 = Writes to LS_SERDES_CONTROL_2 (register 0x07) and
LS_SERDES_CONTROL_3 (register 0x08) control registers do not affect
respective LS SERDES lane
1 = Writes to LS_SERDES_CONTROL_2 and LS_SERDES_CONTROL_3
control registers affect respective LS SERDES lane
For example, if subsequent writes to LS_SERDES_CONTROL_2 and
LS_SERDES_CONTROL_3 registers need to affect the settings in Lanes 0 and 1,
LS_LN_CFG_EN[3:0] should be set to 4
’b0011
Read values in LS_SERDES_CONTROL_2
& LS_SERDES_CONTROL_3 reflect
the settings value for Lane selected through LS_LN_CFG_EN[3:0].
To read settings for Lane 0, LS_LN_CFG_EN[3:0] should be set to 4
’b0001
To read settings for Lane 1, LS_LN_CFG_EN[3:0] should be set to 4
’b0010
To read settings for Lane 2, LS_LN_CFG_EN[3:0] should be set to 4
’b0100
To read settings for Lane 3, LS_LN_CFG_EN[3:0] should be set to 4
’b1000
Read values of LS_SERDES_CONTROL_2 and LS_SERDES_CONTROL_3
registers are not valid for any other LS_LN_CFG_EN[3:0] combination
6.11:10
RESERVED
For TI use only(Default 2
’b00)
RW
6.9:8
LS_LOOP_BANDWIDTH[1:0]
LS SERDES PLL Loop Bandwidth settings
RW
00 = Reserved
01 = Applicable when external JC_PLL is NOT used (Default 2
’b01)
10 = Applicable when external JC_PLL is used
11 = Reserved
6.7
DEEP_REMOTE_LPBK_CTRL
Deep remote loopback control. Works in conjunction with
RW
DEEP_REMOTE_LPBK(B:3). Requires setting of LS_TX_ENTEST(8.3) and
LS_RX_ENTEST(8.2) for desired lane on the LS side (default 1'b0).
00= Deep Remote Loopback Disabled
01= Deep Remote Loopback through pad. The loopback path includes the
transmit CML driver and receive sense amps. The link partner connected
through INA*P/N or INB*P/N pins must be electrically idle at differential
zero with P and N signals at the same voltage.
10= Deep Remote Loopback with CML Driver Disabled. The loopback path is
fully digital and excludes the transmit CML driver and receive sense amps.
If monitoring OUT* pins is not required, this mode can save power.
11= Deep Remote Loopback with CML Driver Enabled. As above, but the CML
driver operates normally.
6.6:5
RESERVED
For TI use only (Default 2
’b00)
RW
6.4
LS_ENPLL
LS SERDES PLL enable control. LS SERDES PLL is automatically disabled when
RW
PD_TRXx_N is asserted LOW or when register bit 1.15 is set HIGH.
0 = Disables PLL in LS SERDES
1 = Enables PLL in LS SERDES (Default 1
’b1)
6.3:0
LS_MPY[3:0]
LS SERDES PLL multiplier setting (Default 4
’b0101). Refer to Table 16
RW
See Line Rate, SERDES PLL Settings, and Reference Clock Selection section
for more information on PLL multiplier settings
Copyright
© 2011, Texas Instruments Incorporated
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com