Electronic Components Datasheet Search
  English  ▼

X  

TLK10002 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10002
Description  10Gbps Dual-Channel Multi-Rate Transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK10002 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLK10002 Datasheet HTML 17Page - Texas Instruments TLK10002 Datasheet HTML 18Page - Texas Instruments TLK10002 Datasheet HTML 19Page - Texas Instruments TLK10002 Datasheet HTML 20Page - Texas Instruments TLK10002 Datasheet HTML 21Page - Texas Instruments TLK10002 Datasheet HTML 22Page - Texas Instruments TLK10002 Datasheet HTML 23Page - Texas Instruments TLK10002 Datasheet HTML 24Page - Texas Instruments TLK10002 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
HSTXAP /N
Low
Speed
Side
SERDES
HSRXAP /N
10
10
10
10
32
16
16
16
High
Speed
Side
SERDES
20
16
20
10
10
10
10
32
LS PRBS
Verifier
LS PRBS
Generator
HS PRBS
Generator
HS PRBS
Verifier
OUTA2P/N
OUTA0P/N
OUTA1P/N
OUTA3P/N
INA0P/N
INA1P/N
INA2P/N
INA3P/N
RX FIFO
Pattern
Generator
Pattern
Verifier
TX FIFO
HSTXAP /N
Low
Speed
Side
SERDES
HSRXAP /N
10
10
10
10
32
16
16
16
High
Speed
Side
SERDES
20
16
20
10
10
10
10
32
LS PRBS
Verifier
LS PRBS
Generator
HS PRBS
Generator
HS PRBS
Verifier
OUTA2P/N
OUTA0P/N
OUTA1P/N
OUTA3P/N
INA0P/N
INA1P/N
INA2P/N
INA3P/N
RX FIFO
Pattern
Generator
Pattern
Verifier
TX FIFO
TLK10002
www.ti.com
SLLSE75
– MAY 2011
Deep Local Loopback
The deep local loopback mode is as shown in Figure 14 for Channel A. The configuration is the same for
Channel B. The loopback mode is activated and configured through the MDIO interface. In this loopback mode,
the data is accepted on the low speed side SERDES pins (INA*P/N or INB*P/N), traverses the entire transmit
data path excluding the CML driver, returned through the entire receive data path and sent out through the low
speed side SERDES pins (OUTA*P/N or OUTB*P/N). The TLK10002 device needs some time for lane alignment
before passing traffic. The high speed side outputs on HSTXAP/N or HSTXBP/N pins are available for
monitoring.
Figure 14. Deep Local Loopback
Shallow Local Loopback
The shallow local loopback mode is as shown in Figure 15 for Channel A. The configuration is the same for
Channel B. The loopback mode is activated and configured through the MDIO interface. In this loopback mode,
the data is accepted on the low speed side SERDES pins (INA*P/N or INB*P/N), traverses the entire transmit
data path excluding the high speed side SERDES, returned through the entire receive data path and sent out
through the low speed side SERDES pins (OUTA*P/N or OUTB*P/N). The TLK10002 device needs some time
for lane alignment before passing traffic. The high speed side outputs on HSTXAP/N or HSTXBP/N pins are
available for monitoring.
Figure 15. Shallow Local Loopback
Copyright
© 2011, Texas Instruments Incorporated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com