Electronic Components Datasheet Search
  English  ▼

X  

VHB150W Datasheet(PDF) 2 Page - CUI INC

Part # VHB150W
Description  half-brick dc-dc converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB150W Datasheet(HTML) 2 Page - CUI INC

  VHB150W Datasheet HTML 1Page - CUI INC VHB150W Datasheet HTML 2Page - CUI INC VHB150W Datasheet HTML 3Page - CUI INC VHB150W Datasheet HTML 4Page - CUI INC VHB150W Datasheet HTML 5Page - CUI INC VHB150W Datasheet HTML 6Page - CUI INC VHB150W Datasheet HTML 7Page - CUI INC VHB150W Datasheet HTML 8Page - CUI INC VHB150W Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
page
date
DESCRIPTION: half-brick dc-dc converter
2 of 9
08/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VHB150W
OUTPUT
parameter
conditions/description
min
nom
max
units
voltage accuracy
±1.5
%
transient response
25% step load change
500
μ sec
external trim adj. range
±10
%
ripple & noise (20MHz BW)
3.3V, 5V
40
mV RMS
100
mV pk-pk
12V& 15V
60
mV RMS
150
mV pk-pk
24V
100
mV RMS
240
mV pk-pk
temperature coefficient
±0.03
%/°C
short circuit protection
continuous
line regulation5
±0.2
%
load regulation6
±1
%
over voltage protection trip range, % Vo nom.
115
140
%
over current protection
% nominal output current
110
140
%
GENERAL SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
switching frequency
250
KHz
operating ambient temp.7
-40
100
°C
storage temperature
-55
105
°C
thermal shutdown case temp.
90
°C
case material
aluminum
ISOLATION SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
isolation voltage
input/output
1500
V dc
input/case
1500
V dc
output/case
1500
V dc
isolation resistance
100
M
Ω
notes:
5.
measured from high line to low line at full load
6.
measured from full load to zero load at nominal input
7.
see output derating curve (page 4)
*V-Infinity reserves the right to make changes to its products or to discontinue any product or service without notice, and to advise customers to verify the most up-to-
date product information before placing orders. V-Infinity assumes no liability or responsibility for customer’s applications using V-Infinity products other than repair
or replacing (at V-I’s option) V-Infinity products not meeting V-I’s published specifications. Nothing will be covered outside of standard product warranty.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com