Electronic Components Datasheet Search
  English  ▼

X  

VHB150W Datasheet(PDF) 5 Page - CUI INC

Part # VHB150W
Description  half-brick dc-dc converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB150W Datasheet(HTML) 5 Page - CUI INC

  VHB150W Datasheet HTML 1Page - CUI INC VHB150W Datasheet HTML 2Page - CUI INC VHB150W Datasheet HTML 3Page - CUI INC VHB150W Datasheet HTML 4Page - CUI INC VHB150W Datasheet HTML 5Page - CUI INC VHB150W Datasheet HTML 6Page - CUI INC VHB150W Datasheet HTML 7Page - CUI INC VHB150W Datasheet HTML 8Page - CUI INC VHB150W Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
page
date
DESCRIPTION: half-brick dc-dc converter
5 of 9
08/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VHB150W
2. INPUT VOLTAGE RANGE
It is important to ensure the input voltage measured at the converter input pins is within the range for that converter. Make sure wire
losses and voltage ripples are accounted for. One possible problem is driving the converter with a linear unregulated power supply.
For example, if the average voltage measured by a DMM is 9V, with a voltage ripple of 3Vpp, the actual input can swing from 7.5V to
10.5V. This will be outside the specified input range of 9-36V and the converter may not function properly. On the other end, make
sure the actual input voltage does not exceed the highest voltage of 36V or75V.
3. LEAD WIRES
Make sure the input and output wires are of adequate AWG size to minimize voltage drop, and ensure the voltage across the input
terminals is above the converter's rated minimum voltage at all times. It is recommended to have the wire pairs twisted, respectively
for the input pair and the output pair, so as to minimize noise pickup.
4. INPUT CURRENT
The input voltage source must be able to provide enough current to the converter, otherwise it may not start up or operate properly. A
typical symptom is not starting or unusually low output voltage. In general, it is recommended to be able to provide at least:
Ipeak = 150%*Pout/(
ηη*Vmin) where Pout is the maximum output power, Vmin is the minimum input voltage and η is the converter's
efficiency. As an example, for VHB150W-Q24-S5 to operate with 9~36 V input, 150 W output and an efficiency of 87%, the minimum
source current is recommended to be: Ipeak = 150% * 150 / (87% * 9) = 28.74 A.
5. INPUT FUSE
To limit the input current and to facilitate input reversal protection and input OVP protection, a fast-acting input fuse is recommended
for the input line. The fuse rating will depend on the input range and should allow for the maximum current at the lowest input volt-
age, as shown in this equation: Ipeak = 150%*Pout/(
ηη*Vmin).
In the previous example of VHB150W-Q24-S5, the peak input current at 9V was calculated to be 28.74 A. A 30 A fuse may be suitable
for this application. Make sure the fuse voltage rating is higher than the maximum input voltage.
6. REMOTE SENSE
The converter provides regulated outputs at the output terminals. When there is a large current and/or the output cable is of some
length, the voltage at the end of the output cable may be noticeably lower than at the terminals. The converter can compensate up to
0.5V of voltage drop through remote sense terminals. To ensure accurate regulation, run two separate wires (twisted) from the
desired regulation points to the remote sense terminals, as shown below. Even if the load current is low, still connect +Vo to +S and
-Vo to -S.
+Vo
+S
Trim
-S
-Vo
(-)
(+)
Load
FIGURE 2. REMOTE SENSE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com