Electronic Components Datasheet Search
  English  ▼

X  

VHB150W Datasheet(PDF) 8 Page - CUI INC

Part # VHB150W
Description  half-brick dc-dc converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB150W Datasheet(HTML) 8 Page - CUI INC

  VHB150W Datasheet HTML 1Page - CUI INC VHB150W Datasheet HTML 2Page - CUI INC VHB150W Datasheet HTML 3Page - CUI INC VHB150W Datasheet HTML 4Page - CUI INC VHB150W Datasheet HTML 5Page - CUI INC VHB150W Datasheet HTML 6Page - CUI INC VHB150W Datasheet HTML 7Page - CUI INC VHB150W Datasheet HTML 8Page - CUI INC VHB150W Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
page
date
DESCRIPTION: half-brick dc-dc converter
8 of 9
08/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VHB150W
14. OUTPUT SERIES CONNECTIONS
Two or more converters can be connected in series to obtain a higher output voltage. To prevent output reverse biasing each other in
case of a short, add a Schottky diode on each output in reverse polarity, as shown in the diagram. In the event of a short, the con-
verters will forward-bias the diodes and the output reversal will be limited to one diode drop (about 0.5V) only, so as not to damage
the converters. The forward current will cause each converter to go into short-circuit protection.
For proper diode selection, make
sure that: 1) the diodes voltage rating is higher than each converter output; 2) the rated diode current can carry the short-circuit cur-
rent; 3) the diodes do not overheat before the short is removed.
15. REMOTE OUTPUT ON/OFF CONTROL
The converter output can be enabled or disabled through the On/Off pin. The control logic is shown in this table. A common control
circuit is shown below. The standard version defaults to positive logic. For negative logic, indicate the selection when ordering.
16. ISOLATION
The input and output of the converter are electrically isolated. If needed, an output terminal can be connected to an input terminal,
resulting in the converter non-isolated.
Logic Table
Negative logic
Positive logic
SW Closed (V
<0.8 V) Output on
Output off
SW Open (V
>2.4 V)
Output off
Output on
REM
REM
SW
High signal here
disable output
-Vin (pin 4)
REM (pin 2)
REM
-Vin
SW
REM
-Vin
-Vo
+Vo
FIGURE 8. REMOTE ON/OFF CONTROL
FIGURE 9. REMOTE ON/OFF CONTROL
WITH TRANSISTOR SWITCH
+Vin
-Vin
+Vo
-Vo
+Vin
-Vin
+Vo
-Vo
FIGURE 7. OUTPUT
SERIES CONNECTIONS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com