Electronic Components Datasheet Search
  English  ▼

X  

VHB150W Datasheet(PDF) 7 Page - CUI INC

Part # VHB150W
Description  half-brick dc-dc converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB150W Datasheet(HTML) 7 Page - CUI INC

  VHB150W Datasheet HTML 1Page - CUI INC VHB150W Datasheet HTML 2Page - CUI INC VHB150W Datasheet HTML 3Page - CUI INC VHB150W Datasheet HTML 4Page - CUI INC VHB150W Datasheet HTML 5Page - CUI INC VHB150W Datasheet HTML 6Page - CUI INC VHB150W Datasheet HTML 7Page - CUI INC VHB150W Datasheet HTML 8Page - CUI INC VHB150W Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
page
date
DESCRIPTION: half-brick dc-dc converter
7 of 9
08/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VHB150W
10. OUTPUT OCP AND SHORT-CIRCUIT PROTECTION
Output overload and short circuit conditional will cause the output voltage to decline or shutdown altogether.
If the case temperature
is not over 100°C, the output recovers automatically when the short or OCP conditions are removed. In the case of slight overloading,
the output voltage may not shut down, but the converter may build up heat over time, causing over-temperature shutdown.
11. OVER-TEMPERATURE PROTECTION
When the case temperature reaches about 100°C, the converter's built-in protection circuit will shut down the output. When the tem-
perature is reduced enough to a safe operating level, the converter will recover to normal operations automatically.
12. OUTPUT OVP
In case the output voltage exceeds the OVP threshold, the converter shuts down.
13. OUTPUT PARALLEL CONNECTIONS
The converter is not designed for load share on the output. One may be inclined to use this circuit to force current sharing by trim-
ming the output voltages for each converter. However, this circuit may not reliably or accurately divide the load current, as the device
characteristics of the converters or the diodes may not be balanced over a range of operating conditions. We generally do not recom-
mend this circuit to increase power output over a single converter. Instead, we recommend this setup for redundancy only, having
one converter as a backup in case of a failure. Make sure the OR-ing diodes can handle the voltage and full load current.
+Vin
-Vin
+Vo
-Vo
+Vin
-Vin
+Vo
-Vo
FIGURE 6. OUTPUT
PARALLEL CONNECTIONS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com