Electronic Components Datasheet Search
  English  ▼

X  

DF57 Datasheet(PDF) 6 Page - Hirose Electric

Part # DF57
Description  Substrate Twin (Pair) Cable Swing-Lock Connector for Low-Profile Power Source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF57 Datasheet(HTML) 6 Page - Hirose Electric

  DF57 Datasheet HTML 1Page - Hirose Electric DF57 Datasheet HTML 2Page - Hirose Electric DF57 Datasheet HTML 3Page - Hirose Electric DF57 Datasheet HTML 4Page - Hirose Electric DF57 Datasheet HTML 5Page - Hirose Electric DF57 Datasheet HTML 6Page - Hirose Electric DF57 Datasheet HTML 7Page - Hirose Electric DF57 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
DF57 Series●Substrate Twin (Pair) Cable Swing-Lock Connector for Low-Profile Power Source
■
Crimp contact
0.69
0.86
2.5
1
0.935
P=4
Ø1
t=0.12
Part Number
CL No.
Packaging
Quantity
Finish
DF57-2830SCF
666-0001-4-00
Reel
40,000
Tin plated
Note:Embossed tape reel packaging (40,000 pieces/reel).
Order by number of reels.
●
Applicable wire (Tin plated annealed copper wire)
Wire size (Stranded wire conductor)
Jacket outer diameter
AWG28(7 / 0.127mm)
0.58mm
AWG30(7 / 0.102mm)
0.56mm
Note: When using other than the recommended wire, contact your nearest
Hirose sales representative.
■
Tools
Type
Part Number
CL No.
Applicable contact
Applicator
AP105-DF57-2830S
CL901-4618-5-00
DF57-2830SCF
Press
CM-105
CL901-0005-4-00
-----------
Hand crimping tool
HT305/DF57-2830S
Under development
DF57-2830SCF
Contact extraction tool
DF-C-PO(B)
CL550-0179-2-00
DF57-2830SCF
Note: If any trouble has occurred due to tools other than the designated tool, Hirose bears no
respoisibility for any trouble.
[Packaging Specification]
Blank:Embossed tape packaging
(40,000 pieces per reel)
●Recommended cable
UL1571(Thin wire)
●Strip length 1.0 to 1.4mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com