Electronic Components Datasheet Search
  English  ▼

X  

DF57 Datasheet(PDF) 7 Page - Hirose Electric

Part # DF57
Description  Substrate Twin (Pair) Cable Swing-Lock Connector for Low-Profile Power Source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF57 Datasheet(HTML) 7 Page - Hirose Electric

  DF57 Datasheet HTML 1Page - Hirose Electric DF57 Datasheet HTML 2Page - Hirose Electric DF57 Datasheet HTML 3Page - Hirose Electric DF57 Datasheet HTML 4Page - Hirose Electric DF57 Datasheet HTML 5Page - Hirose Electric DF57 Datasheet HTML 6Page - Hirose Electric DF57 Datasheet HTML 7Page - Hirose Electric DF57 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
DF57 Series●Substrate Twin (Pair) Cable Swing-Lock Connector for Low-Profile Power Source
1.Recommended temperature profile
The temperature profiles are based on the above conditions.
In individual applications the actual temperature may vary,depending on solder paste type,
volume/thickness and board size/thickness. Consult your solder paste and equipment
manufacturer for specific recommendations.
2.Recommended manual soldering
Manual soldering: 350ç ± 10ç for 3 seconds
3.Recommended screen thickness and open
area ratio (Pattern area ratio)
Thickness: 0.1 mm
Open area ratio: 100%
4.Board warpage
Maximum of 0.02mm at the connector center, with both ends of the connector as reference points.
5.Cleaning conditions
Cleaning is not recommended. When cleaning, please evaluate as if can deteriorate the
 
performance including mechanical operation and environmental resistance.
6.Precautions
■
When inserting crimp-type (solderless) terminals to crimping (solderless) sockets, to maintain
reliable performance, please do not insert obliquely.
■
DO NOT mate/un-mate non-terminated plugs with non-mounted receptacles.
This may lead to damage or deformation of the contacts.
■
Removal of the holding electric cable may cause damage so please be careful.
■
DO NOT apply flux to the contact terminals when hand soldering the receptacle to the board.
Wicking of the flux into the electrical contact areas may lead to connection failures.
■
Slight discoloration on the insulating materials will not affect form, fit or function of the
connectors.
■
For operating suggestions on insertion and removal, please refer separately to the "DF57
Insertion and Removal Manual".
■
Usage Recommendations
TIME (sec)
180ç
100
150
200
250
220ç�
PRE-HEATING TIME
SOLDERING TIME
MAX 250ç
90~120sec
60secMAX
10secMAX
0
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com