Electronic Components Datasheet Search
  English  ▼

X  

DF57 Datasheet(PDF) 4 Page - Hirose Electric

Part # DF57
Description  Substrate Twin (Pair) Cable Swing-Lock Connector for Low-Profile Power Source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF57 Datasheet(HTML) 4 Page - Hirose Electric

  DF57 Datasheet HTML 1Page - Hirose Electric DF57 Datasheet HTML 2Page - Hirose Electric DF57 Datasheet HTML 3Page - Hirose Electric DF57 Datasheet HTML 4Page - Hirose Electric DF57 Datasheet HTML 5Page - Hirose Electric DF57 Datasheet HTML 6Page - Hirose Electric DF57 Datasheet HTML 7Page - Hirose Electric DF57 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
DF57 Series●Substrate Twin (Pair) Cable Swing-Lock Connector for Low-Profile Power Source
B±0.05
0.8±0.05
1.2±0.05
0.6+0.05
0
0.7 +0.05
0
■
Header(SMT)
Contact No.1
Vacum area
P=1.2
B
A
C
0.25
■
Recommended PCB mounting
pattern(Thickness: 1.0mm)
Unit : mm
Part Number
CL No.
Number of contacts
A
B
C
DF57-2P-1.2V(21)
666-0002-7-21
2
4.1
1.2
2.5
DF57-3P-1.2V(21)
666-0003-0-21
3
5.3
2.4
3.7
DF57-4P-1.2V(21)
666-0004-2-21
4
6.5
3.6
4.9
DF57-5P-1.2V(21)
666-0010-5-21
5
7.7
4.8
6.1
DF57-6P-1.2V(21)
666-0011-8-21
6
8.9
6.0
7.3
Note:Embossed tape reel packaging (5,000 pieces/reel).
[Specification number]
(21):Tin plated, Embossed tape
packaging (5,000 pieces per reel)
●
Packaging Specification
5
E–E
G-G
F-F
D-D
DIRECTION OF UNREELING
E
E
D
D
4
DF57-2P-1.2V(21)
DF57-3P-1.2V(21)
DF57-4P-1.2V(21)
DF57-5P-1.2V(21)
DF57-6P-1.2V(21)
4
F
F
G
G
DIRECTION OF UNREELING
5
2±0.1
2.125±0.3
2±0.1
4±0.1
4±0.1
(CENTER OF
VACUUM AREA)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com