Electronic Components Datasheet Search
  English  ▼

X  

DF57 Datasheet(PDF) 1 Page - Hirose Electric

Part # DF57
Description  Substrate Twin (Pair) Cable Swing-Lock Connector for Low-Profile Power Source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF57 Datasheet(HTML) 1 Page - Hirose Electric

  DF57 Datasheet HTML 1Page - Hirose Electric DF57 Datasheet HTML 2Page - Hirose Electric DF57 Datasheet HTML 3Page - Hirose Electric DF57 Datasheet HTML 4Page - Hirose Electric DF57 Datasheet HTML 5Page - Hirose Electric DF57 Datasheet HTML 6Page - Hirose Electric DF57 Datasheet HTML 7Page - Hirose Electric DF57 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Substrate Twin (Pair) Cable Swing-Lock Connector for Low-Profile Power Source
DF57 Series
2010.9
Swing-Lock Structure explanatory drawing
Contact Structure
Features
1.Reinforced lock structure with swing lock
A swing-lock structure, featuring our own unique connection
method, reinforces the lock structure of the electric cable
side, with a structure resistant to tough electric cable routing
and disengagement of cables under load.
In addition, the connection surface has a guide insertion to
facilitate insertability (patent pending)
When connecting, the header connector secures the
molded-lance. Play of molded lance is prevented for added
strength.
3.Highly reliable contact structure
Despite the low-profile design, with a stacking height of
1.4mm, an effective mating length of 0.42mm is achieved. The
structure features two-point contact terminal geometry with
high contact reliability.
4.Solder wicking prevention
The integral molding eliminates any gap between the
terminals and case to prevent solder wicking.
5.Case disengagement prevention
Reinforcing hardware (metal fittings) are integrated in the
molding, which help prevent the case from disengaging with
the terminals due to tough electric cable routing and load.
6.Cost countermeasure
Terminals and metal fittings are collectively integrated into the
molding to reduce assembly cost.
Before mating
After mating
Lock portion
Cross-sectional view of the contact surface
Two point contact terminals
Effective mating length
0.42mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - DF57

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF57-2628SCF(41) HIROSE-DF57-2628SCF(41) Datasheet
308Kb / 8P
Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
DF57-2830SCF HIROSE-DF57-2830SCF Datasheet
308Kb / 8P
Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
DF57-3234SCF HIROSE-DF57-3234SCF Datasheet
308Kb / 8P
Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
DF57AH-5S-1.2C HIROSE-DF57AH-5S-1.2C Datasheet
308Kb / 8P
Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
DF57AH-6S-1.2C HIROSE-DF57AH-6S-1.2C Datasheet
308Kb / 8P
Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
More results

Similar Description - DF57

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2367 FAIRCHILD-FSA2367 Datasheet
102Kb / 2P
Low RON (0.75ohm) Triple-SPDT, Negative-Swing Audio Source Switch
FSA2380 FAIRCHILD-FSA2380 Datasheet
117Kb / 2P
Low RON (0.75ohm) 3:1 Negative Swing Audio Source Switch
FSA2380 FAIRCHILD-FSA2380_08 Datasheet
454Kb / 2P
Low RON (0.75廓) 3:1 Negative Swing Audio Source Switch
FSA2367 FAIRCHILD-FSA2367_09 Datasheet
648Kb / 13P
Low RON (0.75廓) Triple-SPDT, Negative-Swing Audio Source Switch
logo
List of Unclassifed Man...
ITS-P-09010NW ETC2-ITS-P-09010NW Datasheet
610Kb / 10P
1.2 mm Pitch, Low Profile ?쏶wing Lock??Wire to Board Connector for Power Supply
logo
Hirose Electric
DF61 HIROSE-DF61 Datasheet
1Mb / 8P
Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
logo
FCI connector
10078794-101LF FCI-CONNECTOR-10078794-101LF Datasheet
298Kb / 4P
24 Pair Cable Connector
logo
Hirose Electric
DF57 HIROSE-DF57_17 Datasheet
308Kb / 8P
Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
logo
ON Semiconductor
FSA2367 ONSEMI-FSA2367 Datasheet
754Kb / 15P
Triple-SPDT, Negative-Swing Audio Source Switch
August 2009 Rev. 1.0.2
FSA2380 ONSEMI-FSA2380 Datasheet
396Kb / 13P
3:1 Negative Swing Audio Source Switch
January 2015 Rev. 1.12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com