Electronic Components Datasheet Search
  English  ▼

X  

MAX3748 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3748
Description  Compact 155Mbps to 4.25Gbps Limiting Amplifier 86ps Rise and Fall Time
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3748 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3748 Datasheet HTML 5Page - Maxim Integrated Products MAX3748 Datasheet HTML 6Page - Maxim Integrated Products MAX3748 Datasheet HTML 7Page - Maxim Integrated Products MAX3748 Datasheet HTML 8Page - Maxim Integrated Products MAX3748 Datasheet HTML 9Page - Maxim Integrated Products MAX3748 Datasheet HTML 10Page - Maxim Integrated Products MAX3748 Datasheet HTML 11Page - Maxim Integrated Products MAX3748 Datasheet HTML 12Page - Maxim Integrated Products MAX3748 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Compact 155Mbps to 4.25Gbps
Limiting Amplifier
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 13
© 2011 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
1/03
Initial release (MAX3748)
—
1
7/03
Added the MAX3748A and Figure 6
1, 6, 7, 8, 9, 10
Changed package code in the Ordering Information table and added lead-free
packages
1
Inserted the Hybrid Lead-Free Package section
7
Updated Figures 5 and 6
8
2
2/04
Updated package drawing
11
3
8/05
Added 4.25Gbps specification
1, 2, 3
4
7/06
Added the MAX3748B
All
5
11/08
Removed the MAX3748B
All
6
6/11
Removed the MAX3748A
All



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com