Electronic Components Datasheet Search
  English  ▼

X  

MAX3748 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3748
Description  Compact 155Mbps to 4.25Gbps Limiting Amplifier 86ps Rise and Fall Time
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3748 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3748 Datasheet HTML 1Page - Maxim Integrated Products MAX3748 Datasheet HTML 2Page - Maxim Integrated Products MAX3748 Datasheet HTML 3Page - Maxim Integrated Products MAX3748 Datasheet HTML 4Page - Maxim Integrated Products MAX3748 Datasheet HTML 5Page - Maxim Integrated Products MAX3748 Datasheet HTML 6Page - Maxim Integrated Products MAX3748 Datasheet HTML 7Page - Maxim Integrated Products MAX3748 Datasheet HTML 8Page - Maxim Integrated Products MAX3748 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Compact 155Mbps to 4.25Gbps
Limiting Amplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 2.97V to 3.63V, ambient temperature = -40°C to +85°C, CML output load is 50
Ω to VCC, CAZ = 0.1µF, typical values are at
+25°C, VCC = 3.3V, unless otherwise specified. The data input transition time is controlled by a 4th-order Bessel filter with f-3dB =
0.75 ✕ 2.667GHz for all data rates of 2.667Gbps and below, and with f-3dB = 0.75 ✕ data rate for data rates > 3.2Gbps.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power-Supply Voltage (VCC) .................................-0.5V to +6.0V
Voltage at IN+, IN- ..........................(VCC - 2.4V) to (VCC + 0.5V)
Voltage at DISABLE, OUTPOL, RSSI,
CAZ1, CAZ2, LOS, TH............................-0.5V to (VCC + 0.5V)
Current into LOS ...................................................-1mA to +9mA
Differential Input Voltage (IN+ - IN-) .....................................2.5V
Continuous Current at CML Outputs
(OUT+, OUT-) ...............................................-25mA to +25mA
Continuous Power Dissipation (TA = +70°C)
TQFN (derate 17.7mW above +70°C)..............................1.4W
Operating Junction Temperature Range (TJ) ....-55°C to +150°C
Storage Ambient Temperature Range (Ts)........-55°C to +150°C
Lead Temperature (soldering, 10s) .................................+260°C
Soldering Temperature (reflow)
TQFN............................................................................+240°C
Hybrid TQFN ................................................................+250°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Single-Ended Input Resistance
Single ended to VCC
42
50
58
Input Return Loss
Differential, f < 3GHz, DUT is powered on
13
dB
Input Sensitivity
VIN-MIN
(Note 1)
5
mVP-P
Input Overload
VIN-MAX
(Note 1)
1200
mVP-P
Single-Ended Output Resistance
Single ended to VCC
42
50
58
Output Return Loss
Differential, f < 3GHz, DUT is powered on
10
dB
Differential Output Voltage
600
780
1200
mVP-P
Differential Output Signal when
Disabled
Outputs AC-coupled, VIN-MAX applied to
input (Note 2)
10
mVP-P
K28.5 pattern at 4.25Gbps
8.7
25
K28.5 pattern at 3.2Gbps
8.5
25
223- 1 PRBS equivalent pattern at 2.7Gbps
(Note 4)
9.3
30
K28.5 pattern at 2.1Gbps
7.8
25
Deterministic Jitter
(Notes 2, 3)
DJ
223- 1 PRBS equivalent pattern at 155Mbps
25
50
psP-P
Input = 5mVP-P
6.5
Random Jitter
(Note 5)
Input = 10mVP-P
3
psRMS
20% to 80%, 4.25Gbps
3.1875GHz Bessel input filter
VIN = 20mVP-P
60
Data Output Transition Time
20% to 80% (Note 2)
86
115
ps
Input-Referred Noise
185
μVRMS
CAZ = open
70
Low-Frequency Cutoff
CAZ = 0.1μF
0.8
kHz
(Note 6)
32
49
Power-Supply Current
ICC
LOS disabled
37
mA
Power-Supply Noise Rejection
PSNR
f < 2MHz
26
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com