Electronic Components Datasheet Search
  English  ▼

X  

MAX3748 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3748
Description  Compact 155Mbps to 4.25Gbps Limiting Amplifier 86ps Rise and Fall Time
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3748 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3748 Datasheet HTML 2Page - Maxim Integrated Products MAX3748 Datasheet HTML 3Page - Maxim Integrated Products MAX3748 Datasheet HTML 4Page - Maxim Integrated Products MAX3748 Datasheet HTML 5Page - Maxim Integrated Products MAX3748 Datasheet HTML 6Page - Maxim Integrated Products MAX3748 Datasheet HTML 7Page - Maxim Integrated Products MAX3748 Datasheet HTML 8Page - Maxim Integrated Products MAX3748 Datasheet HTML 9Page - Maxim Integrated Products MAX3748 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Compact 155Mbps to 4.25Gbps
Limiting Amplifier
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(TA = +25°C and VCC = 3.3V, unless otherwise specified.)
OUTPUT EYE DIAGRAM WITH MAXIMUM INPUT
(DATA RATE OF 2.6667Gbps)
MAX3748 toc10
50ps/div
100mV/div
2.7Gbps, 223 - 1 PRBS, 1200mVP-P
OUTPUT EYE DIAGRAM AT +100
°C
(MINIMUM INPUT)
MAX3748 toc11
50ps/div
100mV/div
3.2Gbps, 223 - 1 PRBS, 5mVP-P
ASSERT/DEASSERT LEVELS vs. RTH
RTH (k
Ω)
0.1
1
10
10
100
1
0.01
100
ASSERT
DEASSERT
INPUT RETURN GAIN vs. FREQUENCY (SDD11)
(INPUT SIGNAL LEVEL = -40dBm)
FREQUENCY (Hz)
1G
-30
-20
-10
0
10
20
30
-40
100M
10G
OUTPUT
DISABLED
OUTPUT RETURN GAIN vs. FREQUENCY (SDD22)
(INPUT SIGNAL LEVEL = -40dBm)
FREQUENCY (Hz)
1G
-30
-20
-10
0
10
20
30
-40
100M
10G
DETERMINISTIC JITTER vs. INPUT OFFSET VOLTAGE
(2.667Gbps, K28.5)
INPUT OFFSET VOLTAGE (mVP-P)
4
2
0
-2
-4
2
4
6
8
10
12
14
16
18
20
0
-6
6
LOS HYSTERESIS vs. TEMPERATURE
(2.667bps, 210 - 1 PRBS)
TEMPERATURE (
°C)
90
80
70
60
50
40
30
20
10
0
-10
-20
-30
1
2
3
4
5
6
0
-40
100
RTH = 20k
Ω
RTH = 80
Ω
RTH = 280
Ω
0
200
100
400
300
600
500
700
0
400
200
600
800
100
500
300
700
900 1000
RSSI CURRENT GAIN vs. INPUT TIA CURRENT
(MAX3744 AND MAX3748)
INPUT TIA CURRENT (
μA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com