Electronic Components Datasheet Search
  English  ▼

X  

MAX3748 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3748
Description  Compact 155Mbps to 4.25Gbps Limiting Amplifier 86ps Rise and Fall Time
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3748 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3748 Datasheet HTML 1Page - Maxim Integrated Products MAX3748 Datasheet HTML 2Page - Maxim Integrated Products MAX3748 Datasheet HTML 3Page - Maxim Integrated Products MAX3748 Datasheet HTML 4Page - Maxim Integrated Products MAX3748 Datasheet HTML 5Page - Maxim Integrated Products MAX3748 Datasheet HTML 6Page - Maxim Integrated Products MAX3748 Datasheet HTML 7Page - Maxim Integrated Products MAX3748 Datasheet HTML 8Page - Maxim Integrated Products MAX3748 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Compact 155Mbps to 4.25Gbps
Limiting Amplifier
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.97V to 3.63V, ambient temperature = -40°C to +85°C, CML output load is 50
Ω to VCC, CAZ = 0.1µF, typical values are at
+25°C, VCC = 3.3V, unless otherwise specified. The data input transition time is controlled by a 4th-order Bessel filter with f-3dB =
0.75 ✕ 2.667GHz for all data rates of 2.667Gbps and below, and with f-3dB = 0.75 ✕ data rate for data rates > 3.2Gbps.)
Note 4:
223 - 1 PRBS pattern was substituted by K28.5 pattern to determine the high-speed portion of the deterministic jitter. The
low-speed portion of the DJ (baseline wander) was obtained by measuring the eye width difference between outputs gen-
erated using K28.5 and 223 - 1 PRBS patterns.
Note 5:
Random jitter was measured without using a filter at the input.
Note 6:
The supply current measurement excludes the CML output currents by connecting the CML outputs to a separate VCC
(see Figure 1).
Note 7:
Unless otherwise specified, the pattern for all LOS detect specifications is 223 - 1 PRBS.
Note 8:
The signal at the input is switched between two amplitudes, Signal_ON and Signal_OFF, as shown in Figure 2.
Note 9:
ICM_INPUT is the input common mode. IRSSI is the current at the RSSI output.
Note 10: Stability is defined as variation over temperature and power supply with respect to the typical gain of the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com