Electronic Components Datasheet Search
  English  ▼

X  

MAX5965BUAX Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5965BUAX
Description  High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5965BUAX Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5965BUAX Datasheet HTML 9Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 10Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 11Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 12Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 13Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 14Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 15Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 16Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
High-Power, Quad, Monolithic, PSE Controllers
for Power over Ethernet
______________________________________________________________________________________
13
Pin Description
PIN
NAME
FUNCTION
1
RESET
Hardware Reset. Pull RESET low for at least 300µs to reset the device. All internal registers reset to their
default value. The address (A0–A3), and AUTO and MIDSPAN input-logic levels latch on during low-to-
high transition of RESET. RESET is internally pulled up to VDD with a 50k
Ω resistor.
2
MIDSPAN
Midspan Mode Input. An internal 50k
Ω pulldown resistor to DGND sets the default mode to endpoint PSE
operation (power-over-signal pairs). Pull MIDSPAN to VDIG to set midspan operation. The MIDSPAN value
latches after the device is powered up or reset (see the PD Detection section).
3
INT
Open-Drain Interrupt Output. INT goes low whenever a fault condition exists. Reset the fault condition
using software or by pulling RESET low (see the Interrupt section for more information about interrupt
management).
4
SCL
Serial Interface Clock Line Input
5
SDAOUT
Serial Output Data Line. Connect the data line optocoupler input to SDAOUT (see the Typical Operating
Circuits). Connect SDAOUT to SDAIN if using a 2-wire, I
2C-compatible system.
Pin Configuration
36
35
34
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
12
13
14
OSC
AUTO
OUT1
GATE1
SENSE1
OUT2
GATE4
GATE2
SENSE2
VEE
OUT3
GATE3
SENSE3
OUT4
DET4
DET3
DET2
DET1
A0
A1
A2
A3
SDAIN
SDAOUT
SCL
MIDSPAN
SSOP
TOP VIEW
MAX5965A
MAX5965B
22
21
20
19
15
16
17
18
SENSE4
AGND
VDD
DGND
RESET
INT
SHD1
SHD2
SHD3
SHD4
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com