Electronic Components Datasheet Search
  English  ▼

X  

MAX5965BUAX Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5965BUAX
Description  High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5965BUAX Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5965BUAX Datasheet HTML 1Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 2Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 3Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 4Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 5Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 6Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 7Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 8Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
High-Power, Quad, Monolithic, PSE Controllers
for Power over Ethernet
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VAGND = 32V to 60V, VEE = 0V, VDD to VDGND = +3.3V, all voltages are referenced to VEE, unless otherwise noted. Typical values are at
VAGND = +48V, VDGND = +48V, VDD = (VDGND + 3.3V), TA = +25°C. Currents are positive when entering the pin and negative other-
wise.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT LIMIT
IVEE = 00
202
212
220
IVEE = 01
192
202
212
IVEE = 10
186
190
200
Current-Limit Clamp Voltage
VSU_LIM
Maximum VSENSE_ allowed
during current limit, VOUT_ = 0V
(ICUT = 000) (Note 4)
IVEE = 11
170
180
190
mV
ICUT = 000
(Class 0/3)
177
186
196
ICUT = 110
(Class 1)
47
55
64
ICUT = 111
(Class 2)
86
94
101
ICUT = 001
265
280
295
ICUT = 010
310
327
345
ICUT = 011
355
374
395
ICUT = 100
398
419
440
Overcurrent Threshold After
Startup
VFLT_LIM
Overcurrent VSENSE_ threshold
allowed for t
≤ tFAULT after
startup; VOUT_ = 0V (IVEE = 00)
ICUT = 101
443
466
488
mV
ICUT = 000,
ICUT = 110,
ICUT = 111
32
Foldback Initial OUT_ Voltage
VFLBK_ST
VOUT_ - VEE, above which the
current-limit trip voltage starts
folding back, IVEE = 00
ICUT =
001…101
13
V
Foldback Final OUT_ Voltage
VFLBK_END
IVEE = 00, ICUT = 000, VOUT_ - VEE above
which the current-limit trip voltage reaches
VTH_FB
50
V
Minimum Foldback
Current-Limit Threshold
VTH_FB
VOUT_ = AGND = 60V, IVEE = 00, ICUT = 000
64
mV
SENSE_ Input Bias Current
VSENSE_ = VEE
-5
+5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com