Electronic Components Datasheet Search
  English  ▼

X  

MAX5965BUAX Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # MAX5965BUAX
Description  High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5965BUAX Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button MAX5965BUAX Datasheet HTML 45Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 46Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 47Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 48Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 49Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 50Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 51Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 52Page - Maxim Integrated Products MAX5965BUAX Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
High-Power, Quad, Monolithic, PSE Controllers
for Power over Ethernet
______________________________________________________________________________________
49
GND
-48V
-48V
GND
C6
0.47
µF
100V
R10
2
Ω
R6
1
Ω
C3
15nF
Q4
MMBTA56
R5
1k
Ω
L1
68
µH, DO3308P-683
MAX5020
1
2
3
4
8
7
6
5
V+
VDD
FB
VCC
NDRV
GND
CS
C2
0.022
µF
R8
30
Ω
C1
0.1
µF
C8
2.2
µF
R4
1
Ω
R9
1
Ω
GATE
SOURCE
DRAIN
Q1
Si2328 DS
C9
4.7nF
C7
0.22
µF
R7
1.02k
Ω
R2
6.81k
Ω
R3
2.61k
Ω
Q3
MMBTA56
D1
DIODES INC.: B1100
C4
220
µF
Sanyo 6SVPA220MAA
R1
2.61k
Ω
Q2
MMBTA56
C5
4.7
µF
+3.3V
+3.3V
GND
300mA
SS_SHDN
Figure 15. -48V to +3.3V (300mA) Boost Converter Solution for VDIG
1700 (mils)
1700 (mils)
1700 (mils)
Figure 16. Layout Example for Boost Converter Solution for VDIG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com