Electronic Components Datasheet Search
  English  ▼

X  

B7671 Datasheet(PDF) 3 Page - EPCOS

Part # B7671
Description  SAW Duplexer Cellular / WCDMA band V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7671 Datasheet(HTML) 3 Page - EPCOS

  B7671 Datasheet HTML 1Page - EPCOS B7671 Datasheet HTML 2Page - EPCOS B7671 Datasheet HTML 3Page - EPCOS B7671 Datasheet HTML 4Page - EPCOS B7671 Datasheet HTML 5Page - EPCOS B7671 Datasheet HTML 6Page - EPCOS B7671 Datasheet HTML 7Page - EPCOS B7671 Datasheet HTML 8Page - EPCOS B7671 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
September 23, 2009
B7671
836.50 / 881.50 MHz
SAW Components
SAW Duplexer
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=50 Ω ll 8.2 nH
RX terminating impedance:
ZRX = 100 Ω (balanced)
TX terminating impedance:
ZTX =50 Ω
Characteristics TX - ANT
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
836.5
MHz
Maximum insertion attenuation
α
max
824.0
...
849.0
MHz
1.7
2.2
dB
@fCarrier 826.4 ...
846.6
MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page (8).
1.6
2.0
dB
Amplitude ripple
∆α
824.0
...
849.0
MHz
0.5
1.0
dB
@fCarrier 826.4 ...
846.6
MHz
α
WCDMA
1)
0.4
0.8
dB
Error Vector Magnitude
@fCarrier 826.4 ...
846.6
MHz
EVM2)
2) Error Vector Magnitude (EVM) based on definition given in 3GPP TS 25.141.
1.4
2.5
%
Input VSWR (TX port)
824.0
...
849.0
MHz
1.9
2.2
Output VSWR (ANT port)
824.0
...
849.0
MHz
1.7
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com