Electronic Components Datasheet Search
  English  ▼

X  

B7671 Datasheet(PDF) 4 Page - EPCOS

Part # B7671
Description  SAW Duplexer Cellular / WCDMA band V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7671 Datasheet(HTML) 4 Page - EPCOS

  B7671 Datasheet HTML 1Page - EPCOS B7671 Datasheet HTML 2Page - EPCOS B7671 Datasheet HTML 3Page - EPCOS B7671 Datasheet HTML 4Page - EPCOS B7671 Datasheet HTML 5Page - EPCOS B7671 Datasheet HTML 6Page - EPCOS B7671 Datasheet HTML 7Page - EPCOS B7671 Datasheet HTML 8Page - EPCOS B7671 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
September 23, 2009
B7671
836.50 / 881.50 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data Sheet
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=50 Ω ll 8.2 nH
RX terminating impedance:
ZRX = 100 Ω (balanced)
TX terminating impedance:
ZTX =50 Ω
Characteristics TX - ANT
min.
typ.
@ 25 ˚C
max.
Absolute attenuation
α
10.0
...
420.0
MHz
30
42
dB
420.0
...
494.0
MHz
35
39
dB
494.0
...
701.0
MHz
30
33
dB
701.0
...
728.0
MHz
30
34
dB
728.0
...
764.0
MHz
30
34
dB
764.0
...
804.0
MHz
30
36
dB
860.0
...
869.0
MHz
4
16
dB
869.0
...
894.0
MHz
44
50
dB
1574.0
... 1577.0
MHz
40
45
dB
1638.0
... 1708.0
MHz
20
48
dB
1844.9
... 1879.9
MHz
30
49
dB
1884.5
... 1919.6
MHz
30
48
dB
1930.0
... 1990.0
MHz
35
45
dB
2110.0
... 2170.0
MHz
33
41
dB
2400.0
... 2557.0
MHz
30
35
dB
3286.0
... 3406.0
MHz
20
28
dB
4110.0
... 4255.0
MHz
20
25
dB
4934.0
... 5350.0
MHz
15
22
dB
5725.0
... 5953.0
MHz
6
10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com