Electronic Components Datasheet Search
  English  ▼

X  

B7671 Datasheet(PDF) 6 Page - EPCOS

Part # B7671
Description  SAW Duplexer Cellular / WCDMA band V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7671 Datasheet(HTML) 6 Page - EPCOS

Back Button B7671 Datasheet HTML 2Page - EPCOS B7671 Datasheet HTML 3Page - EPCOS B7671 Datasheet HTML 4Page - EPCOS B7671 Datasheet HTML 5Page - EPCOS B7671 Datasheet HTML 6Page - EPCOS B7671 Datasheet HTML 7Page - EPCOS B7671 Datasheet HTML 8Page - EPCOS B7671 Datasheet HTML 9Page - EPCOS B7671 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
September 23, 2009
B7671
836.50 / 881.50 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data Sheet
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=50 Ω ll 8.2 nH
RX terminating impedance:
ZRX = 100 Ω (balanced)
TX terminating impedance:
ZTX =50 Ω
Characteristics ANT - RX
min.
typ.
@ 25 ˚C
max.
IMD product level limits1)
at fTX = 836.5 MHz fRX = 881.5 MHz
1) IMD product level limits for power levels P
TX=21dBm (antenna port output power) and PBlocker=-
15dBm (antenna port input power)
Blocker 1
45.0
MHz
-127
dBm
Blocker 2
791.5
MHz
-89
dBm
Blocker 3
1718.0
MHz
-114
dBm
Attenuation
α
10.0
...
447.0
MHz
45
60
dB
447.0
...
824.0
MHz
35
55
dB
824.0
...
849.0
MHz
45
54
dB
849.0
...
854.0
MHz
10
35
dB
909.0
... 1000.0
MHz
7
10
dB
1000.0
... 1850.0
MHz
28
45
dB
1850.0
... 1920.0
MHz
40
50
dB
1920.0
... 6000.0
MHz
35
40
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com