Electronic Components Datasheet Search
  English  ▼

X  

B7671 Datasheet(PDF) 5 Page - EPCOS

Part # B7671
Description  SAW Duplexer Cellular / WCDMA band V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7671 Datasheet(HTML) 5 Page - EPCOS

  B7671 Datasheet HTML 1Page - EPCOS B7671 Datasheet HTML 2Page - EPCOS B7671 Datasheet HTML 3Page - EPCOS B7671 Datasheet HTML 4Page - EPCOS B7671 Datasheet HTML 5Page - EPCOS B7671 Datasheet HTML 6Page - EPCOS B7671 Datasheet HTML 7Page - EPCOS B7671 Datasheet HTML 8Page - EPCOS B7671 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
September 23, 2009
B7671
836.50 / 881.50 MHz
SAW Components
SAW Duplexer
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=50 Ω ll 8.2 nH
RX terminating impedance:
ZRX = 100 Ω (balanced)
TX terminating impedance:
ZTX =50 Ω
Characteristics ANT - RX
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
881.5
MHz
Maximum insertion attenuation
α
max
869.0
...
894.0
MHz
2.2
2.7
dB
@fCarrier 871.4 ...
891.6
MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page (8).
1.9
2.4
dB
Amplitude ripple
∆α
869.0
...
894.0
MHz
0.8
1.6
dB
@fCarrier 871.4 ...
891.6
MHz
α
WCDMA
1)
0.4
1.0
dB
Input VSWR (ANT port)
869.0
...
894.0
MHz
1.5
1.8
Output VSWR (RX port)
869.0
...
894.0
MHz
1.7
2.0
Common mode rejection ratio
869.0
...
894.0
MHz CMRR
232)
2) A combination of 10 ˚ phase balance and 1 dB amplitude balance corresponds to 19.6 dB CMRR
30
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com